전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • VS2-1DC-R/

  • AI
    The **VS2-1DC-R** is a specific model within the **VS Series** of electronic components, typically manufactured by companies like **Keyence**. It is a high-performance vision system controller or an amplifier unit used in industrial automation for inspection and quality control. --- ### 1. Technical Specifications The part number breaks down into several key electronic characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Input Type** | DC (Direct Current) | Operates on 24V DC power standard for PLC environments. | | **Output Type** | Relay/Transistor | The "R" usually signifies a Relay output or specific Response type. | | **Communication** | Serial/Digital | Supports high-speed data transfer for vision processing. | | **Mounting** | DIN-Rail | Designed to be clipped onto a standard 35mm DIN rail in a control panel. | --- ### 2. Core Electronic Components Inside a unit like the VS2-1DC-R, the following electronic subsystems are present: 1. **Image Processor (DSP/FPGA):** The "brain" that analyzes incoming video signals from the camera head to detect flaws or measure dimensions. 2. **Power Conditioning Circuitry:** Includes optoisolators and voltage regulators to protect the sensitive internal logic from industrial electrical noise and surges. 3. **I/O Interface:** * **Inputs:** Trigger inputs to tell the system when to capture an image. * **Outputs:** Signal lines (OK/NG) to trigger an ejector arm or stop a conveyor. 4. **A/D Converters:** High-speed Analog-to-Digital converters that translate the light sensor data from the lens into digital data for the processor. --- ### 3. Connection and Wiring To integrate the VS2-1DC-R into a system, the wiring typically follows this logic: ```yaml Terminal Connection Guide: - 24V DC: Main power supply (+) - 0V DC: Common ground (-) - Input 1: External Trigger (e.g., Proximity Sensor) - Output 1: "Pass" Signal to PLC - Output 2: "Fail" Signal to Alarm/Solenoid - RS-232C/USB: Connection for PC configuration ``` --- ### 4. Key Functional Features * **High-Speed Processing:** Capable of processing dozens of inspections per second. * **Edge Detection:** Electronic algorithms identify the boundaries of objects to ensure precise placement. * **Compact Form Factor:** Designed for space-saving inside electrical cabinets.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the VS2-1DC-R power connector?
    • ⤷ Can this unit be interfaced with an NPN or PNP PLC logic?
    • ⤷ Which camera models are compatible with the VS2 series controllers?