전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • VS2-DAC-R

  • AI
    The **VS2-DAC-R** is a specific electronic component often found in high-resolution audio systems or specialized signal processing equipment. While "VS2-DAC-R" frequently refers to a module or specific board variant (commonly associated with higher-end digital-to-analog conversion kits), its core purpose is to translate digital data into precise analog electrical signals. --- ## 1. Core Technical Specifications The device is centered around high-fidelity audio reproduction. Below are the typical electronic characteristics associated with this part: | Feature | Description | | :--- | :--- | | **Component Type** | Digital-to-Analog Converter (DAC) Module | | **Resolution** | Typically 24-bit or 32-bit (High Definition) | | **Sampling Rate** | Often supports up to 192kHz or 384kHz | | **Connectivity** | I2S, S/PDIF, or Direct Bus connection | | **Output Type** | Stereo Analog (RCA or Balanced) | | **"R" Designation** | Usually signifies "Remote Control" capability or "Right-aligned" data format | --- ## 2. Key Electronic Stages The VS2-DAC-R consists of several critical stages that ensure signal integrity: ### A. Digital Receiver The front-end interface (often using chips like the XMOS or AKM receivers) that captures the incoming bitstream and stabilizes the clock signal to prevent **jitter**. ### B. Conversion Kernel The primary IC (Integrated Circuit) where the "math" happens. It uses a resistor ladder (R-2R) or Delta-Sigma modulation to convert binary code into voltage levels. ### C. Low-Pass Filter (LPF) / Buffer Because the conversion process creates high-frequency "staircase" noise, an analog filter stage (using Op-Amps) is used to smooth the wave and provide a low-impedance output for amplifiers. --- ## 3. Circuit Integration Example When integrating this part into a system, the pinout typically follows this logic: ```cpp // Example logic for initializing a DAC control via I2C void setupDAC() { Wire.begin(); Wire.beginTransmission(VS2_DAC_ADDR); Wire.write(0x01); // Register: Power Control Wire.write(0x00); // Wake up device Wire.endTransmission(); } ``` --- ## 4. Common Applications * **High-End Audio Players:** Used as the primary output stage for lossless audio. * **Studio Equipment:** Monitoring systems where flat frequency response is required. * **Custom DIY Audio:** Used with Raspberry Pi or ESP32 boards via the I2S protocol. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout for the VS2-DAC-R module?
    • ⤷ Does this module require a dual-rail power supply (positive and negative)?
    • ⤷ How does the 'R' suffix impact the data format compared to standard VS2 models?