전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • VZPR-BPD-22-R1

  • AI
    The **VZPR-BPD-22-R1** is a specialized precision pressure regulator typically manufactured by **Festo**. It is used for controlling the pressure of compressed air or inert gases with high accuracy. Below is an overview of its electronic and electromechanical components. --- ### 1. Technical Specifications (Electronic Focus) The VZPR series often utilizes a combination of mechanical regulation and electronic feedback or actuation. Here are the core electronic characteristics: | Feature | Specification Details | | :--- | :--- | | **Operating Voltage** | Typically 24 V DC (± 10%) | | **Signal Input** | Analog (0-10V or 4-20mA) or Digital (depending on sub-model) | | **Electrical Connection** | M12 Plug, 4-pin or 5-pin configuration | | **Power Consumption** | Low wattage (typically < 2W during regulation) | | **Protection Class** | IP65 (dust-tight and water jet resistant) | | **Duty Cycle** | 100% (Continuous operation) | --- ### 2. Key Electronic Components The "Electronic" side of this device refers to how it interprets signals to manage pneumatic output: #### A. The Solenoid Actuator The "BPD" designation often refers to the **Bipolar** or proportional nature of the valve. It contains an electromagnetic coil that converts electrical energy into mechanical force to move a poppet or diaphragm. Unlike a standard ON/OFF valve, the current is modulated to achieve precise positions. #### B. Feedback Sensor (Optional/Integrated) Higher-end versions of the VZPR include an internal **pressure transducer**. This sensor monitors the output pressure and sends a signal back to a controller (like a PLC) or an internal PID circuit to ensure the setpoint is maintained despite fluctuations in flow. #### C. Connector Pinout (Standard M12) Most units follow a standard industrial wiring scheme: 1. **Pin 1:** +24V DC Supply 2. **Pin 2:** Control Signal (Input) 3. **Pin 3:** 0V (Ground) 4. **Pin 4:** Feedback Signal (Output - optional) --- ### 3. Functional Operation 1. **Input Signal:** A PLC sends a voltage (e.g., 5V) to the VZPR. 2. **Signal Processing:** The internal electronics translate this voltage into a specific current for the solenoid. 3. **Pneumatic Output:** The solenoid moves, opening the valve to reach the pressure corresponding to the 5V signal (e.g., 4 bar if the range is 0-8 bar). 4. **Correction:** If the pressure drops, the electronics increase the current to the coil to compensate. --- ### 4. Code Example: PLC Control (Structured Text) If you are controlling this valve via a PLC, the logic might look like this: ```pascal // Example: Setting pressure to 5.0 Bar on a 0-10V / 0-10Bar Valve VAR TargetPressure : REAL := 5.0; // Bar AnalogOutput : INT; // 0 to 32767 raw value END_VAR // Convert 5.0 Bar to 50% of 10V (assuming 16-bit resolution) AnalogOutput := REAL_TO_INT((TargetPressure / 10.0) * 32767); // Output the signal to the VZPR terminal Write_Analog_Channel(Channel_1, AnalogOutput); ``` ---
    ✨ Follow-up Questions
    • ⤷ Does the VZPR-BPD-22-R1 require a separate electronic controller or is it self-contained?
    • ⤷ What is the specific pressure range for the R1 variant?
    • ⤷ How do I troubleshoot a 'No Signal' error on this specific valve?