VZPR-BPD-22-R2
AI

The **VZPR-BPD-22-R2** is a specific pneumatic-electronic component manufactured by **Festo**. It belongs to the VZPR series, which are typically **pneumatic pressure switches** or sensing units designed for monitoring and controlling pressure levels in industrial automation.
Below is an explanation of its electronic and functional characteristics.
---
### 1. Key Technical Specifications
The electronics of this device are designed to convert physical pressure into an electrical signal (binary output).
| Feature | Specification Details |
| :--- | :--- |
| **Output Type** | Binary (Switching) |
| **Switching Function** | Normally Open (NO) or Changeover (Model dependent) |
| **Operating Voltage** | Typically 24V DC (Standard Industrial Range) |
| **Connection Type** | M8 or M12 Plug (R2 denotes the electrical interface) |
| **Pressure Range** | Generally 0 - 10 bar (Check specific variant) |
| **Protection Class** | IP65 (Dust tight and protected against water jets) |
---
### 2. Electronic Component Breakdown
#### A. Internal Sensor Element
Inside the housing, the VZPR uses a **piezoresistive** or **mechanical-electronic transducer**. When air pressure is applied to the internal diaphragm, it triggers a microswitch or a solid-state sensor. This physical movement is converted into a digital "High/Low" voltage signal.
#### B. Electrical Connection (R2 Suffix)
The "R2" in the part number specifically refers to the electrical connection style.
* **Plug Pattern:** It typically features a circular connector.
* **Wiring:** Standard 3-wire or 4-wire configuration (Brown: +, Blue: -, Black/White: Signal).
* **Signal Logic:** Most Festo sensors of this generation use **PNP** (Positive-Negative-Positive) logic, where the load is connected between the output and the ground.
#### C. LED Indicators
The device usually includes integrated electronics for visual feedback:
* **Yellow/Green LED:** Indicates the switching state (on/off).
* **Power LED:** Indicates that the device is receiving the correct operating voltage.
---
### 3. Functional Electronics Logic
The VZPR-BPD-22-R2 operates on a **Threshold Logic**:
1. **Input:** Compressed air enters the pneumatic port.
2. **Processing:** The internal electronic circuit compares the pressure against a pre-set mechanical spring tension or electronic setpoint.
3. **Output:** Once the threshold is reached, the electronic switch closes, sending a 24V signal to a PLC (Programmable Logic Controller).
---
### 4. Circuit Diagram Representation
```cpp
// Standard PNP Wiring for VZPR
[ +24V DC ] -------- (1) Brown
[ Output ] -------- (4) Black -----> [ PLC Input ]
[ 0V/GND ] -------- (3) Blue
```
- ⤷
What is the exact pressure switching range for the R2 model?
- ⤷ How do I adjust the switching setpoint on the VZPR-BPD?
- ⤷ Is this device compatible with NPN logic controllers?