전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W-2033-R1FS1AA

  • AI
    The **W-2033-R1FS1AA** is a specific technical configuration for an industrial-grade **Touchscreen Monitor** or **Panel PC**, typically manufactured by companies like *Winstar* or associated industrial hardware vendors. Based on the part number nomenclature, this device is engineered for Human-Machine Interface (HMI) applications in harsh environments. --- ### Technical Specifications The "R1FS1AA" suffix details the electronic and physical composition of the unit: | Component | Specification Details | | :--- | :--- | | **Display Size** | Typically 20" to 21.5" diagonal (Widescreen) | | **Resolution** | Full HD (1920 x 1080) | | **Touch Technology** | Projected Capacitive (PCAP) Multi-touch | | **Front Bezel** | Stainless Steel (often Grade 316 for anti-corrosion) | | **IP Rating** | IP66 / IP69K (Waterproof and Dustproof) | | **Connectivity** | M12 Waterproof Connectors (I/O) | --- ### Electronic Core Components #### 1. The Controller Board (AD Board) The internal Analog-to-Digital (AD) board is the "brain" of the monitor. * **Signal Processing:** Converts VGA, HDMI, or DisplayPort signals into LVDS or eDP signals for the LCD panel. * **Power Management:** Usually supports a wide range DC input (e.g., 9V to 36V) to handle industrial power fluctuations. #### 2. PCAP Touch Sensor Unlike standard resistive screens, the **R1FS1AA** utilizes a Projected Capacitive sensor. * **Electronic Construction:** A glass substrate with a grid of micro-fine wires (ITO layer). * **Controller IC:** An onboard touch controller (often via USB interface) that calculates the change in capacitance when a finger nears the glass. * **Durability:** Functions through thick cover glass and is resistant to surface scratches. #### 3. Industrial LCD Panel The panel is selected for long-term availability (7-10 years lifecycle). * **Backlight:** High-efficiency LED backlighting with 30,000 to 50,000 hours of MTBF (Mean Time Between Failures). * **Brightness:** Standard 250-350 nits, though some "R" variants feature high-brightness (1000+ nits) for sunlight readability. #### 4. I/O Interface (M12 Connectors) To maintain the IP66/IP69K rating, the electronic ports do not use standard USB or HDMI sockets. * **M12 Connectors:** Circular, threaded connectors that ensure a vibration-proof and watertight electronic seal. --- ### Comparison: Standard vs. Industrial (W-2033) | Feature | Consumer Monitor | W-2033-R1FS1AA | | :--- | :--- | :--- | | **Chassis** | Plastic | Stainless Steel | | **Operating Temp** | 0°C to 40°C | -20°C to 60°C | | **Washdown** | Not possible | Supports High-Pressure Hoses | | **Input Voltage** | Fixed 110/220V AC | Wide Range 9-36V DC | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout diagrams for the M12 connectors on this model?
    • ⤷ Does this model support Power over Ethernet (PoE) for its electronic supply?
    • ⤷ Can the touch controller be calibrated for use with thick industrial gloves?