W0603R-RFPB
AI

The **W0603R-RFPB** is a high-precision, thin-film surface mount resistor typically manufactured by companies like TT Electronics/Welwyn. It is designed for applications where stability and precision are critical.
### 1. Key Technical Specifications
Below are the primary electrical and physical characteristics of the W0603R-RFPB series:
| Feature | Specification |
| :--- | :--- |
| **Package Size** | 0603 (Imperial) / 1608 (Metric) |
| **Technology** | Thin Film (Passivated) |
| **Power Rating** | 0.1 Watts (1/10 W) |
| **Max Working Voltage** | 75V |
| **Operating Temperature** | -55°C to +155°C |
| **Termination Material** | Pb-Free (RoHS Compliant) |
---
### 2. Breakdown of the Part Number
The alphanumeric code follows a specific naming convention:
1. **W0603**: Indicates the physical package size (0.06 x 0.03 inches).
2. **R**: Refers to the series type (Standard precision thin film).
3. **-RFPB**: This suffix defines the tolerance and Temperature Coefficient of Resistance (TCR).
* **RF**: Typically denotes a Tolerance of **±0.1%** and a TCR of **±25ppm/°C** (varies slightly by manufacturer specifics).
* **PB**: Indicates Lead-Free (Pb-Free) terminations.
---
### 3. Core Features and Benefits
* **High Stability:** The thin-film construction provides excellent stability over the life of the component compared to thick-film resistors.
* **Low Noise:** Thin film materials generate significantly less electrical noise, making them ideal for audio and signal processing.
* **Tight Tolerance:** With tolerances as low as 0.1%, this part is used in voltage dividers and bridge circuits where accuracy is paramount.
* **Sulfur Resistance:** Many resistors in this series feature high levels of environmental protection against harsh atmospheres.
---
### 4. Common Applications
Due to its precision, the W0603R-RFPB is commonly found in:
* **Medical Equipment:** Monitoring devices and diagnostic tools.
* **Instrumentation:** Measurement bridges and calibration circuits.
* **Telecommunications:** Base station equipment and signal routing.
* **Industrial Controls:** High-accuracy sensor interfaces.
- ⤷
What is the difference between thin-film and thick-film resistors in terms of performance?
- ⤷ Can you provide the specific resistance value for a full part number like W0603R-03-1002-B?
- ⤷ What are the soldering profile recommendations for 0603 thin-film resistors?