전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W10-R10

  • AI
    The **W10-R10** refers to a specific series of high-power, chassis-mount wirewound resistors. These components are designed to dissipate significant heat and handle high electrical loads in industrial or automotive environments. --- ### 1. Key Technical Specifications Below is a breakdown of the typical electronic characteristics of a W10-R10 resistor: | Feature | Specification | | :--- | :--- | | **Resistance Value** | 0.10 $\Omega$ (100 m$\Omega$) | | **Power Rating** | 10 Watts (standard) up to 50W (chassis mounted) | | **Tolerance** | $\pm$1%, $\pm$5%, or $\pm$10% | | **Technology** | Wirewound (Nichrome wire on ceramic core) | | **Package Type** | Aluminum Housed / Chassis Mount | | **Temperature Coefficient** | $\pm$50 ppm/°C to $\pm$100 ppm/°C | --- ### 2. Physical Construction The W10-R10 is built to withstand harsh conditions. Its construction consists of three main layers: 1. **Resistive Element:** A high-quality resistance wire (usually Nickel-Chromium) is wound around a non-conductive ceramic rod. 2. **Insulation:** The internal assembly is encapsulated in a high-temperature molding compound or silicone. 3. **Housing:** An **anodized aluminum gold/silver casing** with fins. This housing acts as a mini-heatsink to draw heat away from the internal wire. --- ### 3. Common Applications Due to the low resistance value ($0.10 \Omega$) and high power handling, this part is used for: * **Current Sensing:** Measuring current by monitoring the voltage drop across the resistor ($V = I \times R$). * **Load Simulation:** Used as a "dummy load" for testing power supplies or batteries. * **Braking Resistors:** Used in small motor controllers to dissipate back-EMF (electromotive force). * **LED Load Resistors:** Used in automotive lighting to prevent "hyper-flashing" when switching from halogen to LED bulbs by mimicking the halogen load. --- ### 4. Circuit Symbol and Mounting When integrating this into a PCB or system, note the following: * **Heat Dissipation:** To reach the full wattage rating, the resistor must be bolted to a metal chassis or a large heatsink using thermal paste. Without a heatsink, the power rating is significantly derated. * **Inductance:** Because it is "wirewound," this part has inherent inductance. It is generally **not** suitable for high-frequency RF (Radio Frequency) applications. ```markdown Circuit Representation: (In) ----[ R: 0.10 Ohm ]---- (Out) P: 10W - 50W ```
    ✨ Follow-up Questions
    • ⤷ How do I calculate the heat dissipation requirements for a W10-R10 resistor?
    • ⤷ What is the difference between a wirewound resistor and a thick-film resistor for power applications?
    • ⤷ Can this resistor be used in high-frequency switching circuits?