전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W25Q40BLSVIP

  • AI
    The **W25Q40BLSVIP** is a high-performance Serial Flash memory chip manufactured by **Winbond Electronics**. It belongs to the SpiFlash® series and is commonly used for storing BIOS/firmware in consumer electronics, industrial controllers, and IoT devices. --- ## 1. Core Technical Specifications The technical parameters define the operational limits and performance of the chip. | Feature | Specification | | :--- | :--- | | **Memory Capacity** | 4 Megabits (512 KB) | | **Interface** | Standard, Dual, and Quad SPI | | **Voltage Range** | 2.3V to 3.6V | | **Clock Speed** | Up to 80MHz (Normal) / 160MHz (Dual) / 320MHz (Quad) | | **Package Type** | VSOP-8 (208-mil) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Data Retention** | 20 Years | --- ## 2. Key Features and Architecture ### A. Memory Organization The 4M-bit memory is organized into logical segments to allow for efficient erasing and writing: * **2,048 Pages:** Each page is 256 bytes. * **128 Sectors:** Each sector is 4KB (Smallest erasable unit). * **8 Blocks:** Each block is 64KB. ### B. High-Performance SPI Unlike standard Serial Flash, this chip supports **Quad-SPI**. This allows the device to transfer data at rates that significantly outperform standard asynchronous Flash, essentially using four pins (IO0, IO1, IO2, IO3) to transmit data simultaneously. ### C. Advanced Security * **Software and Hardware Write Protection:** Can be configured to protect specific memory ranges. * **64-Bit Unique ID:** Every chip has a unique number, useful for anti-cloning and serial numbering. * **3x256-Byte Security Registers:** OTP (One-Time Programmable) areas for sensitive data. --- ## 3. Pin Configuration (VSOP-8) | Pin No. | Name | Function | | :--- | :--- | :--- | | 1 | **/CS** | Chip Select (Activates the device) | | 2 | **DO (IO1)** | Data Output (or bidirectional IO1 in Dual/Quad mode) | | 3 | **/WP (IO2)** | Write Protect (Prevents writes to status registers) | | 4 | **GND** | Ground | | 5 | **DI (IO0)** | Data Input (or bidirectional IO0 in Dual/Quad mode) | | 6 | **CLK** | Serial Clock (Synchronizes data transfer) | | 7 | **/HOLD (IO3)** | Hold (Pauses communication without resetting /CS) | | 8 | **VCC** | Power Supply (2.3V - 3.6V) | --- ## 4. Part Number Breakdown: `W25Q40BLSVIP` * **W:** Winbond * **25Q:** Architecture (SpiFlash with Dual/Quad SPI) * **40:** Density (4 Megabits) * **B:** Generation (B Series) * **L:** Voltage (2.3V to 3.6V) * **SV:** Package Type (VSOP-8 208-mil) * **I:** Temperature Grade (Industrial: -40°C to +85°C) * **P:** Packing Type (Lead-free, RoHS compliant, Green) ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the B series and the newer JV series of Winbond Flash?
    • ⤷ How do I implement a Quad-SPI read command in C code for this chip?
    • ⤷ Can this chip be powered by a 1.8V supply
    • ⤷ or does it strictly require 2.3V+?