W2AC-A13Y-R2/N
AI

Based on the model number **W2AC-A13Y-R2/N**, this device is a high-performance **Industrial Power Supply/Rectifier Module**, typically associated with communication power systems (such as those manufactured by Delta or similar industrial electronics providers).
Below is a breakdown of its electronic specifications and characteristics.
---
### 1. General Specifications
The module is designed for converting AC utility power into stable DC power to run telecommunications equipment or industrial servers.
| Feature | Specification |
| :--- | :--- |
| **Model Type** | AC/DC Rectifier Module |
| **Input Voltage** | 100–240V AC (Nominal) |
| **Output Voltage** | 48V DC (Standard Telecom Logic) |
| **Cooling** | Forced Air (Internal Fan) |
| **Mounting** | Hot-swappable / Rack Mount |
---
### 2. Key Electronic Components
The internal circuitry of the W2AC-A13Y-R2/N consists of several critical stages:
#### A. Input Stage (EMI & Protection)
* **EMI Filter:** Uses X and Y capacitors and common-mode chokes to suppress high-frequency noise and ensure compliance with electromagnetic compatibility standards.
* **Inrush Current Limiter:** Typically uses NTC thermistors or relays to prevent internal damage when first plugged in.
* **Rectifier Bridge:** Converts the input AC sine wave into pulsating DC.
#### B. Power Factor Correction (PFC)
* **Active PFC:** Features a boost converter topology (inductor, high-speed MOSFET, and diode) to ensure the input current is in phase with the voltage, maximizing efficiency and reducing grid harmonic distortion.
#### C. DC-DC Converter (Isolation)
* **Main Transformer:** Provides galvanic isolation between the high-voltage AC side and the low-voltage DC output.
* **Switching MOSFETs:** High-frequency transistors (often GaN or SiC in modern versions) that pulse the DC into the transformer.
* **Synchronous Rectification:** Uses MOSFETs on the output side instead of diodes to significantly reduce heat loss and improve efficiency (likely >92%).
#### D. Control & Logic
* **Microcontroller (MCU):** Manages the communication (often via CAN bus or I2C) for remote monitoring.
* **Protection Circuits:** Hardware-level sensors for Over-Voltage (OVP), Over-Current (OCP), and Over-Temperature (OTP).
---
### 3. Interface and Connectivity
The "R2/N" suffix often indicates specific revision or pinout configurations for the backplane connector.
| Part | Function |
| :--- | :--- |
| **Gold Finger / Blade Connector** | High-current DC output pins and AC input pins combined into one blind-mate interface. |
| **Status LEDs** | Green (OK), Yellow (Alarm), Red (Fault). |
| **Communication Bus** | Allows a central controller to adjust voltage margins and monitor fan speed. |
---
### 4. Application Context
These parts are typically found in:
* **48V Telecom Racks:** Powering base stations (LTE/5G).
* **Data Centers:** Distributed power architectures.
* **Industrial Automation:** Reliable 48V power for PLC systems and motors.
- ⤷
What is the maximum output wattage for the W2AC-A13Y-R2/N?
- ⤷ Does this module support parallel load sharing with other units?
- ⤷ What is the specific communication protocol used for the R2/N revision?