전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2AC-A1AB-R

  • AI
    The **W2AC-A1AB-R** is a specific part number belonging to the **W2 Series** of small-form-factor AC-DC power supplies, typically manufactured by **Delta Electronics** or similar industrial power component suppliers. These are often used as embedded power modules for medical or industrial applications. --- ## Technical Specifications The internal electronic components are designed to convert high-voltage AC input into a stable DC output. Below are the primary specifications: | Feature | Specification | | :--- | :--- | | **Input Voltage** | 90 ~ 264 VAC (Universal Input) | | **Output Voltage** | 12V DC (Standard for the -A1AB variant) | | **Power Rating** | Approximately 20W - 25W | | **Efficiency** | > 85% typical | | **Isolation** | 4000 VAC (Input to Output) | | **Cooling** | Natural Convection | --- ## Key Electronic Components The W2AC-A1AB-R is a **Switching Mode Power Supply (SMPS)**. Its internal architecture consists of several critical stages: ### 1. Input Protection & EMI Filtering * **Fuse:** Protects against overcurrent or short circuits. * **MOV (Metal Oxide Varistor):** Protects the circuit from high-voltage surges/spikes. * **Common Mode Choke:** Reduces Electromagnetic Interference (EMI) feedback into the power line. ### 2. Rectification and Filtering * **Bridge Rectifier:** Converts AC voltage into pulsating DC. * **Bulk Capacitor:** Smooths the pulsating DC into a high-voltage DC bus (typically ~380V-400V). ### 3. DC-DC Conversion (The Switching Stage) * **PWM Controller IC:** The "brain" of the unit that regulates the output by high-frequency switching. * **Power MOSFET:** Switches the primary current through the transformer at high speeds (60kHz - 100kHz). * **High-Frequency Transformer:** Provides galvanic isolation and steps down the voltage. ### 4. Output Rectification & Feedback * **Schottky Diodes:** Rectifies the low-voltage AC from the transformer into DC. * **Optocoupler:** Sends a feedback signal from the output side back to the PWM controller to maintain a constant 12V DC regardless of load changes. --- ## Physical Characteristics * **Encapsulation:** The "R" in the suffix often denotes a **RoHS compliant** version. The unit is usually encapsulated in a plastic or resin case to protect electronic parts from vibration and moisture. * **Mounting:** Designed for PCB mounting (through-hole pins). ---
    ✨ Follow-up Questions
    • ⤷What are the specific pinout dimensions for the W2AC-A1AB-R?
    • ⤷ Does this model have medical grade (IEC 60601-1) certification?
    • ⤷ What is the maximum operating temperature for this power module?