전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2AC-A1AC-R2

  • AI
    The **W2AC-A1AC-R2** is a specific model within a series of industrial power or signal interface modules, often associated with signal conditioners, surge protectors, or communication interfaces (commonly produced by manufacturers like M-System or similar industrial automation brands). Based on the standard nomenclature for these industrial components, here is an explanation of the electronic parts and their functions. --- ### 1. General Specifications This device is typically an **Electronic Transducer or Signal Conditioner**. It is designed to take an analog input and convert it into a standard isolated output. | Component Category | Specification/Type | | :--- | :--- | | **Input Type** | AC Current or Voltage (Depending on specific sub-config) | | **Output Type** | 4–20 mA DC or 0–10V DC | | **Power Supply** | AC Power (100–240V AC) | | **Isolation** | 3-Way Isolation (Input-Output-Power) | --- ### 2. Internal Electronic Architecture The internal circuitry is divided into several critical stages to ensure signal integrity and safety: #### A. Power Supply Stage * **Transformer/Switching Regulator:** Converts the high-voltage AC mains input down to low-voltage DC (usually 15V or 24V) to power the internal op-amps and sensors. * **Rectifier Bridge:** Converts AC to DC. * **Smoothing Capacitors:** Electrolytic capacitors used to filter ripple voltage for stable operation. #### B. Input Conditioning Stage * **Current Transformer (CT) or Potential Transformer (PT):** If the input is AC current/voltage, these provide the first layer of galvanic isolation and step-down. * **Precision Resistors:** Used as "Shunt" resistors to convert current into a proportional voltage that the internal electronics can process. * **Rectifier/Filter:** Converts the input AC signal into a proportional DC level (RMS or Mean value detection). #### C. Isolation Barrier * **Opto-couplers or Magnetic Isolators:** This is the "R2" designation aspect, often referring to a specific isolation rating. These parts ensure that high-voltage surges on the input side do not reach the sensitive PLC or controller on the output side. #### D. Output Stage * **Operational Amplifiers (Op-Amps):** Used to scale the signal (e.g., ensuring 0V input equals exactly 4mA output). * **Transistors (BJT/MOSFET):** Act as the current driver for the 4–20mA loop. * **Protection Diodes:** Protect against reverse polarity or back-EMF from inductive loads. --- ### 3. Pin Configuration (Common Layout) While you should always consult the specific datasheet for your serial number, the standard wiring for this class of device is as follows: | Terminal No. | Function | Description | | :--- | :--- | :--- | | **1 & 2** | Output (+) / (-) | To PLC or Indicator | | **3 & 4** | Input (U) / (V) | AC Signal Source | | **5 & 6** | Power (L) / (N) | Mains Supply (100-240V AC) | --- ### 4. Code Block: Sample Logic Representation In an industrial setup, the electronic part interacts with a PLC via a scaling function: ```pascal // Example PLC Scaling for W2AC Output // Input: 4-20mA (represented as 0-27648 in Siemens or 0-4000 in Modicon) // Output: 0-100 Amps AC REAL_Current := SCALE(Raw_Input, 4000, 0, 100.0, 0.0); IF REAL_Current > 90.0 THEN Alarm_High := TRUE; END_IF; ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact isolation voltage rating for the R2 model?
    • ⤷ Can this module be used for True RMS measurements?
    • ⤷ How do I calibrate the zero and span pots on this device?