W2AC-A1BB-R/Q
AI

The **W2AC-A1BB-R/Q** is a part number typically associated with high-performance **thermal management solutions**, specifically AC axial fans manufactured by **Sanyo Denki** (San Ace series). These components are designed for high-reliability cooling in industrial, server, and telecommunications equipment.
---
### ๐ ๏ธ Technical Specifications & Features
Below is a breakdown of the typical electronic and mechanical characteristics for this series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | AC Axial Fan |
| **Input Voltage** | 100V - 120V AC (50/60Hz) |
| **Bearing Type** | Dual Ball Bearing (Long Life) |
| **Frame Material** | Aluminum Die-cast |
| **Impeller Material** | Plastic (UL 94V-0 Rated) |
| **Protection** | Burnout protection at locked rotor |
| **Termination** | Lead wires or Terminal (R/Q variation) |
---
### ๐ Key Electronic Components
The fan assembly contains several critical electronic parts to manage the AC power and rotation:
1. **Shaded-Pole or Capacitor-Run Motor**:
* Uses electromagnetic induction to rotate the blades without the need for brushes. This reduces electronic noise and increases lifespan.
2. **Stator Windings**:
* High-quality copper coils insulated to withstand heat. These create the rotating magnetic field when AC current passes through.
3. **Ball Bearing System**:
* The "A1BB" designation often refers to a specific bearing and frame configuration. Dual ball bearings allow the fan to operate at high temperatures (up to 70ยฐC) for over 40,000 to 70,000 hours.
4. **Impedance Protection**:
* Built-in electronic resistance that prevents the motor from catching fire if the fan blades are physically obstructed (locked rotor).
---
### ๐ Applications
* **Control Panels**: Exhausting heat from industrial automation cabinets.
* **Power Supplies**: Cooling high-wattage AC-DC converters.
* **Medical Equipment**: Reliable cooling for diagnostic machines.
* **Networking**: Cooling for rack-mounted switches and routers.
---
### โ ๏ธ Part Number Suffix Logic
* **"R/Q"**: Usually denotes specific packaging, certification standards (like UL/CSA/TUV), or specific terminal connectors rather than bare lead wires.
* **"W2AC"**: Identifies the specific frame size and voltage class within the San Ace family.
- โคท
What is the exact airflow (CFM) rating for the W2AC-A1BB model?
- โคท What are the dimensions (in mm) for this specific fan?
- โคท Are there DC-powered alternatives with similar dimensions?