전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2AC-A23A-R

  • AI
    The **W2AC-A23A-R** is a specific model within the series of high-performance AC axial fans, typically manufactured by companies like **Wintech** or associated with industrial cooling solutions. It is designed for thermal management in electronic enclosures and industrial machinery. --- ### 1. Technical Specifications The following table highlights the core electronic and physical characteristics of the W2AC-A23A-R: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 220V - 240V AC | | **Frequency** | 50/60 Hz | | **Power Consumption** | Approximately 20W - 30W (varies by load) | | **Rated Current** | ~0.12A to 0.15A | | **Speed (RPM)** | 2,500 - 3,000 RPM | | **Airflow** | ~80 - 100 CFM | | **Bearing Type** | Dual Ball Bearing (Standard for "-R" suffix) | | **Termination** | Lead Wires or Terminals | --- ### 2. Key Electronic Components & Design The "Electronic parts" of this unit refer to the internal motor architecture and protection circuitry: * **Shaded Pole or Capacitor Run Motor:** These fans typically use a single-phase AC motor. The "Shaded Pole" design is common for its reliability and lack of complex starting switches, making it highly durable for continuous 24/7 operation. * **Impedance Protection:** The motor is electronically designed to withstand "locked rotor" conditions. If the blades are obstructed, the internal impedance prevents the coils from overheating and catching fire. * **Dual Ball Bearing System:** The "-R" often denotes a ruggedized or high-reliability version. Ball bearings are electronic-grade components that allow the fan to operate at higher temperatures (up to 70°C) compared to sleeve bearings. * **Stator Coils:** High-quality copper windings with Class B or Class F insulation to handle the 230V AC input without dielectric breakdown. --- ### 3. Wiring Diagram Logic While the device is a simple two-wire AC component, the internal logic follows this standard: ```mermaid graph LR A[AC Live 230V] --> B{Internal Motor Coil} C[AC Neutral] --> B B --> D[Ground/Frame Connection] ``` * **Black/Black Wires:** Typically used for both AC lines (non-polarized). * **Green/Yellow (if present):** Safety ground connected to the aluminum die-cast frame. --- ### 4. Typical Applications Due to its 230V AC nature and high-speed airflow, this part is found in: 1. **Server Racks:** Cooling high-density computing equipment. 2. **Control Panels:** Removing heat from PLCs and Power Supplies. 3. **Welding Machines:** Cooling the internal transformers.
    ✨ Follow-up Questions
    • ⤷What is the difference between ball bearing and sleeve bearing versions of this fan?
    • ⤷ Can this fan be controlled using a PWM signal or a VFD?
    • ⤷ What is the IP rating for the W2AC-A23A-R regarding dust and water protection?