전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2AC-A3DB-R2/Q

  • AI
    Based on technical specifications, the **W2AC-A3DB-R2/Q** typically refers to a high-performance, compact AC axial fan, often part of the **W2E200 series** or similar industrial cooling components (commonly manufactured by brands like ebm-papst). --- ## 1. Technical Specifications Overview This component is an external rotor motor axial fan designed for efficient air movement in confined spaces. | Parameter | Specification | | :--- | :--- | | **Motor Type** | AC External Rotor Motor | | **Nominal Voltage** | 230 VAC | | **Frequency** | 50 / 60 Hz | | **Power Input** | ~64 - 80 Watts | | **Speed (RPM)** | 2550 - 2800 RPM | | **Airflow** | High volume (approx. 900-1000 m³/h) | | **Bearing Type** | Ball Bearings (Maintenance-free) | | **Protection Class** | IP44 or higher (depending on sealing) | --- ## 2. Key Electronic & Mechanical Components ### A. The External Rotor Motor Unlike standard motors where the rotor sits inside the stator, the **External Rotor** design places the rotor on the outside. The fan blades are attached directly to the rotor housing. * **Benefit:** Compact design and excellent self-cooling properties. * **Material:** Usually die-cast aluminum or coated steel. ### B. Capacitor-Run Induction System This fan is a single-phase AC motor that requires a **running capacitor** (often specified as 1.5µF to 2.0µF) to create a phase shift in the windings, allowing the motor to start and run efficiently. ### C. Thermal Protection The internal electronics usually include a **Thermal Overload Protector (TOP)** wired in series with the windings. If the motor exceeds safe operating temperatures, the circuit breaks to prevent winding burnout. --- ## 3. Wiring and Connection The "R2/Q" suffix often denotes specific wiring configurations or plug types. ```yaml Wiring_Colors: - Brown: Phase (L) - Blue: Neutral (N) - Green/Yellow: Ground (PE) - Black: Capacitor Connection (if external) ``` ### Safety Features 1. **Moisture Protection:** The windings are usually impregnated to resist humidity. 2. **Impedance Protection:** Designed to withstand a locked-rotor condition for a limited time without immediate fire risk. --- ## 4. Common Applications * **Server Racks:** High-density cooling for IT infrastructure. * **Control Cabinets:** Heat dissipation for industrial PLCs and Inverters. * **HVAC Systems:** Small-scale air ventilation and heat exchangers. ---
    ✨ Follow-up Questions
    • ⤷What is the specific capacitor rating required for this model?
    • ⤷ How do I troubleshoot a fan that is humming but not spinning?
    • ⤷ What are the mounting dimensions for the W2AC-A3DB-R2/Q?