전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2AC-A4AA-R2

  • AI
    ## Technical Overview: W2AC-A4AA-R2 The **W2AC-A4AA-R2** is a specific part number typically associated with high-performance **Industrial AC Axial Fans**, often manufactured by brands like **ebm-papst**. These components are engineered for cooling electronic cabinets, industrial machinery, and telecommunications equipment. --- ### 1. Key Electronic & Mechanical Specifications Below is a breakdown of the typical electronic characteristics for this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 230 VAC | | **Frequency** | 50 / 60 Hz | | **Power Consumption** | ~11 W to 15 W | | **Current Draw** | ~0.06 A to 0.10 A | | **Speed (RPM)** | 2800 – 3250 RPM | | **Bearing Type** | Ball Bearings (Long Life) | | **Termination** | 2-Lead Wires (or Terminals) | --- ### 2. Electronic Components & Construction The internal electronics of the W2AC-A4AA-R2 are designed for durability and continuous operation: * **Motor Type:** It utilizes a **Shaded Pole Motor** or a **Permanent Split Capacitor (PSC) motor**. These are asynchronous AC motors known for their simplicity and high reliability because they do not require brushes that wear out. * **Insulation Class:** Usually rated **Class B or F**, meaning the internal electronic windings can withstand temperatures up to 130°C–155°C without degrading. * **Impedance Protection:** The motor is electronically protected against locking. If the fan blades are obstructed, the impedance of the windings prevents the motor from drawing excessive current and catching fire. * **Housing/Frame:** Typically made of **Die-cast Aluminum**, which acts as a heat sink for the internal coils, extending the life of the electronic insulation. --- ### 3. Application Circuits When integrating this part into a system, the following electronic considerations apply: 1. **Grounding:** Since the frame is metallic, the "R2" revision usually includes a grounding lug or a third wire to prevent ESD (Electrostatic Discharge) buildup. 2. **Control:** Speed is generally fixed by the line frequency (50/60Hz). To vary the speed electronically, a **Phase Angle Controller** or a specialized AC Fan Speed Controller is required. 3. **MTBF:** The electronic components are rated for a Mean Time Between Failure (MTBF) of approximately 40,000 to 60,000 hours at 40°C. ---
    ✨ Follow-up Questions
    • ⤷ What are the airflow (CFM) ratings for the W2AC-A4AA-R2?
    • ⤷ Can this fan be used with a 115V power supply via a transformer?
    • ⤷ What are the physical dimensions (mm) of this specific model?