전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2AC-A4CC-R/N

  • AI
    The **W2AC-A4CC-R/N** is a specific model of an industrial AC axial fan, typically manufactured by companies like **Wistro**. These fans are engineered for high-performance cooling in industrial environments, often used to cool high-power motors or electronics cabinets. --- ### 1. Model Breakdown & Specifications The alphanumeric code represents specific physical and electrical characteristics. While specific manufacturer sheets may vary slightly, the general specifications for this series are as follows: | Parameter | Specification | |:---|:---| | **Motor Type** | External Rotor Motor (AC) | | **Voltage Range** | 230V / 400V (Single or Three-phase versions available) | | **Frequency** | 50 / 60 Hz | | **Bearing Type** | Dual Ball Bearings (Long-life) | | **Housing Material** | Die-cast Aluminum / Steel | | **IP Rating** | Typically IP44 or IP54 (Dust and splash resistant) | | **Termination** | Terminal box or Flying leads (denoted by the suffix) | --- ### 2. Key Electronic Components The internal electronics of the W2AC-A4CC series are designed for durability and thermal management: * **External Rotor Motor:** Unlike standard motors where the shaft spins inside the stator, the outer casing (rotor) spins around the stationary coils. This allows for a more compact design and better heat dissipation for the fan blades attached directly to the rotor. * **Thermal Protector:** These units usually feature an internal thermal contact (TP) or impedance protection. If the motor reaches a critical temperature, it cuts power to prevent the winding insulation from melting. * **Capacitor (for Single-phase versions):** If used on single-phase AC, an external or internal "Run Capacitor" is required to create the necessary phase shift to start and maintain rotation. * **Class F Insulation:** The copper windings are coated in high-temperature resin, allowing the fan to operate in ambient temperatures up to 60°C or 70°C. --- ### 3. Application Use Cases The **W2AC-A4CC-R/N** is commonly integrated into the following systems: 1. **Forced Ventilation for Motors:** Often mounted on the back of ABB, Siemens, or SEW electric motors to provide constant cooling regardless of the motor's speed. 2. **VFD Enclosures:** Cooling high-power Variable Frequency Drives that generate significant heat during operation. 3. **Heat Exchangers:** Used in industrial air-to-air or air-to-liquid cooling units. --- ### 4. Safety and Wiring Note > [!WARNING] > High Voltage. Ensure the wiring diagram inside the terminal box is followed strictly. Incorrect wiring of the **R/N** (Reverse/Normal or Phase/Neutral) configurations can lead to reverse airflow or motor burnout. ---
    ✨ Follow-up Questions
    • What is the exact wiring diagram for the 3-phase vs single-phase version?
    • How does the IP54 rating affect its maintenance in dusty environments?
    • What are the compatible mounting dimensions for this fan series?