W2AC-AADC-R
AI

## W2AC-AADC-R: Product Breakdown
The **W2AC-AADC-R** is a specific model within a series of industrial signal conditioners or transducers (typically associated with brands like **M-System** or similar industrial automation manufacturers). This specific configuration is designed to convert an AC input into a DC output.
---
### 1. Model Code Breakdown
The alphanumeric string defines the specific electronic hardware configuration of the unit:
| Code Segment | Description | Specific Detail |
| :--- | :--- | :--- |
| **W2AC** | **Series/Function** | Dual-channel AC Input Signal Conditioner (Transducer). |
| **AA** | **Input/Output A** | AC Current/Voltage Input to DC Output (Channel 1). |
| **DC** | **Input/Output B** | AC Current/Voltage Input to DC Output (Channel 2). |
| **R** | **Power Supply** | Typically indicates **24V DC** power requirement. |
---
### 2. Core Electronic Components
The internal circuitry of the W2AC-AADC-R consists of several critical stages to ensure signal integrity and safety:
#### A. Input Stage (AC Signal Sensing)
* **Isolation Transformer:** Provides galvanic isolation between the high-voltage AC input and the internal low-voltage electronics.
* **Precision Resistors:** Used as voltage dividers or current shunts to scale the input signal to a measurable level.
#### B. Signal Processing (Conversion)
* **Rectification Circuit:** Converts the AC waveform into a pulsating DC signal.
* **RMS-to-DC Converter:** Often uses an integrated circuit (IC) to calculate the Root Mean Square (RMS) value of the AC input, ensuring accuracy even with distorted waveforms.
* **Filtering Capacitors:** Smooth out the rectified signal to remove ripples and noise.
#### C. Output Stage (DC Linearization)
* **Operational Amplifiers (Op-Amps):** Scale and linearize the DC signal to standard industrial ranges (e.g., 4-20mA or 0-10V).
* **Output Transistors:** Drive the current/voltage to the connected PLC or controller.
#### D. Power & Protection
* **DC-DC Converter:** Regulates the 24V DC input power to provide stable internal voltages.
* **Surge Protectors/Zener Diodes:** Protect the internal components from voltage spikes and electromagnetic interference (EMI).
---
### 3. Technical Specifications
Typical operational parameters for this class of device:
| Feature | Specification |
| :--- | :--- |
| **Input Type** | AC Current (e.g., 0–5A) or AC Voltage (e.g., 0–110V) |
| **Output Type** | DC Voltage (e.g., 0–10V) or DC Current (e.g., 4–20mA) |
| **Isolation** | Input to Output to Power (3-way isolation) |
| **Accuracy** | ±0.3% to ±0.5% of span |
| **Mounting** | DIN Rail or Surface Mount |
---
### 4. Application Use Case
The W2AC-AADC-R is primarily used in **Power Monitoring** and **Industrial Automation**. For example, it can monitor the current draw of an AC motor and provide a proportional 4-20mA signal to a PLC to detect mechanical overloads or phase failures.
- ⤷
What are the specific input and output ranges for the W2AC-AADC-R?
- ⤷
How does 3-way isolation protect the PLC connected to this device?
- ⤷
Can this device handle non-sinusoidal AC waveforms?