전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2AC-AB1B-R2/Q

  • AI
    The **W2AC-AB1B-R2/Q** is a specific variant of an industrial-grade AC cooling fan, typically manufactured by **Sanyo Denki** under their "San Ace" brand. These fans are known for high reliability and are used in server racks, industrial control panels, and power supplies. --- ### 1. Technical Specifications The model name describes the physical and electrical characteristics of the fan. Below is a breakdown of the typical specifications for this series: | Parameter | Specification | | :--- | :--- | | **Type** | AC Axial Fan | | **Input Voltage** | 200V - 230V AC (50/60Hz) | | **Dimensions** | 120mm x 120mm x 38mm | | **Frame Material** | Aluminum Die-cast | | **Impeller Material** | Plastic (UL 94V-0) | | **Bearing Type** | Dual Ball Bearing | | **Termination** | Lead Wires or Terminals (depending on sub-variant) | --- ### 2. Electronic Component Breakdown The internal circuitry of the W2AC-AB1B-R2/Q consists of several key electronic elements designed for thermal management and longevity: #### A. Shaded Pole or Capacitor-Run Motor * **The Coil:** High-quality copper windings that create a rotating magnetic field when AC power is applied. * **Insulation:** Class E or Class B insulation systems to withstand internal heat during continuous 24/7 operation. #### B. Bearings (Mechanical/Electronic Support) * **Dual Ball Bearings:** These fans utilize high-precision ball bearings. Unlike sleeve bearings, these are designed to handle high temperatures and provide a significantly higher **L10 life expectancy** (often 25,000 to 50,000 hours). #### C. Protection Circuitry (The "/Q" and "R2" designation) * **Impedance Protection:** The motor is designed so that if the rotor is locked (e.g., by debris), the impedance of the windings limits the current flow to prevent the coils from burning out. * **Burnout Prevention:** Some models include a thermal cutoff that breaks the circuit if internal temperatures exceed safety limits. --- ### 3. Key Features & Applications * **EMI Shielding:** The aluminum frame acts as a natural shield, reducing electromagnetic interference emitted by the motor. * **Environmental Resilience:** Often rated for a wide temperature range (typically -30°C to +60°C). **Common Use Cases:** 1. **Industrial Cabinets:** Cooling PLCs and motor drives. 2. **Medical Equipment:** Reliable ventilation for diagnostic machines. 3. **Communication Systems:** Heat dissipation in outdoor telecom enclosures. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact airflow (CFM) rating for the W2AC-AB1B-R2/Q?
    • ⤷ How does the impedance protection differ from thermal protection in AC fans?
    • ⤷ What is the meaning of the 'R2' suffix in Sanyo Denki part numbers?