전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2AC-AB2A-R2/N

  • AI
    The **W2AC-AB2A-R2/N** appears to be a specific model variant of a high-performance fan or blower system, likely manufactured by companies like **EBM-Papst** or similar industrial thermal management firms. Below is a breakdown of the electronic components and technical characteristics typical for this specific part series. --- ### 1. Technical Specifications This part is generally categorized as an **AC Axial Fan**. The nomenclature typically refers to its physical dimensions, motor type, and electrical interface. | Parameter | Typical Value / Description | | :--- | :--- | | **Input Voltage** | 230V AC (Standard for W2AC series) | | **Frequency** | 50/60 Hz | | **Motor Type** | Shaded-pole or Capacitor Motor (External Rotor) | | **Bearing Type** | Ball Bearings (Long-life, high reliability) | | **Housing Material** | Die-cast aluminum | | **Termination** | Lead wires or Terminal lugs (depending on the suffix) | --- ### 2. Key Electronic Components #### A. External Rotor Motor Unlike standard motors where the rotor is inside the stator, this uses an **external rotor** design. * **Function:** The fan blades are integrated directly onto the rotor housing. * **Electronic Benefit:** This provides better cooling for the motor itself and allows for a more compact axial depth. #### B. Integrated Capacitor (Selected Models) If the unit is a permanent split-capacitor motor, it includes a metalized film capacitor. * **Role:** Creates a phase shift to generate the starting torque required to spin the fan. #### C. Thermal Overload Protector (TOP) Most industrial W2AC units include internal thermal protection. * **Mechanism:** A bimetallic switch wired in series with the motor windings. * **Safety:** It automatically shuts off power if the motor temperature exceeds safety limits (e.g., due to a locked rotor), preventing fire or winding failure. --- ### 3. Wiring and Connection Diagram The electronic interface usually follows a standard AC color-coding scheme. ```yaml Standard AC Wiring: - L (Line): Brown or Black - N (Neutral): Blue or White - PE (Earth Ground): Green/Yellow ``` > **Note:** Always refer to the label on the specific unit, as the `/N` suffix may indicate a specific lead wire length or connector type. --- ### 4. Environmental Protection The electronic parts are protected by specific insulation classes: * **Insulation Class:** Usually Class B or F (capable of withstanding 130°C to 155°C). * **IP Rating:** Typically **IP20** or **IP44**, protecting the internal windings from dust and moisture ingress.
    ✨ Follow-up Questions
    • ⤷ What is the exact airflow (CFM) rating for this specific model?
    • ⤷ How do I wire the W2AC-AB2A-R2/N for a dual-voltage system?
    • ⤷ Does this model support PWM or analog speed control?