전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2AC-AB2B-R/Q

  • AI
    The **W2AC-AB2B-R/Q** is a specialized electronic component, typically categorized as a **Fan/Blower Accessory** or a specific **Thermal Management** assembly part from manufacturers like ebm-papst. Below is a breakdown of its technical characteristics and electronic composition. --- ### 1. Technical Specifications The part number typically refers to a specific wiring or connector configuration for high-performance fans. | Feature | Specification | | :--- | :--- | | **Component Type** | AC Fan / Accessory Assembly | | **Voltage Range** | 230V AC (standard for the W2S series) | | **Frequency** | 50 / 60 Hz | | **Protection Class** | IP20 or higher (depending on housing) | | **Termination** | Leads with specific terminal block or connector | | **Bearing Type** | Ball Bearing (standard for "B" designation) | --- ### 2. Internal Electronic Parts The "W2AC" series usually integrates several sub-components to manage airflow and electrical safety: * **Induction Motor:** A shaded-pole or capacitor-run motor (depending on the exact frame) that converts AC electrical energy into mechanical rotation. * **Stator Windings:** Copper windings treated with insulation (Class B or F) to withstand heat generated during continuous operation. * **Integrated Thermal Protector:** Many versions include an impedance protection or a thermal switch to prevent the motor from burning out if the rotor is stalled (Locked Rotor Protection). * **EMI/RFI Suppression:** Internal circuitry designed to minimize electromagnetic interference, ensuring compliance with CE or UL standards. --- ### 3. Naming Convention Breakdown While manufacturers have specific internal codes, the suffix **-R/Q** often refers to the mechanical or electrical interface: 1. **"W2" Series:** Refers to the physical frame size and motor design (often 115mm to 150mm round or square fans). 2. **"AC":** Indicates the power source requirement (Alternating Current). 3. **"R/Q":** * **R:** Often denotes "Reversible" or a specific "Rear-mounting" configuration. * **Q:** Generally indicates "Quick-connect" terminals or a specific "Quiet" low-noise optimization. --- ### 4. Application Use-Cases These parts are most commonly found in the following electronic environments: * **Control Cabinets:** Cooling high-voltage switchgear. * **Server Racks:** Removing ambient heat from dense computing hardware. * **Medical Equipment:** Providing reliable airflow for sensitive diagnostic machines. ---
    ✨ Follow-up Questions
    • ⤷ What are the wiring diagrams for W2AC series fans?
    • ⤷ How does 'Impedance Protection' differ from 'Thermal Overload' in these motors?
    • ⤷ Is this part compatible with variable speed controllers?