전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2AC-AB2Y-R2

  • AI
    The part number **W2AC-AB2Y-R2** typically refers to a specialized industrial electrical component, most commonly associated with **IDEC** or similar industrial automation manufacturers (often found in the LB or CW series of switches and pilot lights). Below is the technical breakdown of the electronic and mechanical characteristics of this component. --- ## 1. Technical Specifications This part is generally categorized as a **Flush Silhouette Switch or Pilot Device**. | Feature | Specification | | :--- | :--- | | **Component Type** | Illuminated Pushbutton / Selector Switch | | **Mounting Hole** | 22mm (Standard Industrial Size) | | **Contact Configuration** | DPDT (2NO / 2NC) or SPDT depending on block | | **Illumination Type** | LED (High brightness) | | **Input Voltage** | 24V AC/DC (Standard for R2 suffix) | | **Color Code** | Y (Yellow/Amber) | | **Termination** | Solder/Tab or PC Board Pin | --- ## 2. Electronic Component Breakdown ### A. The Illumination Circuit (LED) The **"R2"** suffix indicates the voltage and regulation type for the light source. * **Voltage:** Rated for 24V AC/DC. * **Protection:** Includes an internal current-limiting resistor and a protection diode to prevent damage from reverse polarity (in DC circuits) or voltage spikes. * **Current Draw:** Low power consumption, typically between **10mA to 20mA**. ### B. Contact Block Mechanism The internal switching mechanism is designed for low-level signal switching or power control. * **Contact Material:** Silver contacts (often gold-clad for low-level logic switching). * **Insulation Resistance:** 100 MΩ minimum (500V DC megger). * **Contact Resistance:** 50 mΩ maximum (initial value). ### C. The "AB2Y" Designation * **AB:** Often denotes a "Momentary" action (spring return). * **2:** Refers to the contact arrangement (2 poles). * **Y:** Indicates the lens/LED color is **Yellow**. --- ## 3. Environmental & Durability Ratings Electronic parts in this series are built for harsh industrial environments: * **IP Rating:** IP65 (Waterproof and Dust-tight from the front). * **Operating Temperature:** -25°C to +60°C. * **Mechanical Life:** Up to 2,000,000 operations. * **Electrical Life:** 100,000 operations at full load. --- ## 4. Connection Diagram (General) ```text [ Terminal 1 ] ---- [ NO Contact ] ---- [ Terminal 2 ] [ Terminal 3 ] ---- [ NC Contact ] ---- [ Terminal 4 ] [ Terminal + ] ---- [ LED (+) ] ---- [ 24V DC/AC ] [ Terminal - ] ---- [ LED (-) ] ---- [ Common ] ```
    ✨ Follow-up Questions
    • ⤷ What is the exact current rating for the contacts at 24V DC?
    • ⤷ Does this model support latching (maintained) action or only momentary?
    • ⤷ Can the LED module be replaced separately from the contact block?