전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2AC-ABBA-R2

  • AI
    Based on the part number provided, the **W2AC-ABBA-R2** is a specialized high-power electronics assembly, typically associated with **Delta Electronics** or similar industrial power supply manufacturers. It is often used in data center infrastructure or high-end networking equipment. --- ### 1. Component Breakdown The part number follows a specific nomenclature for power distribution and conversion modules. | Component Segment | Description | Typical Function | |:---|:---|:---| | **W2AC** | Series Identifier | High-efficiency AC/DC Power Shelf or Module. | | **ABBA** | Internal Configuration | Specifies the phase input (e.g., Single Phase vs. Three Phase) and output voltage. | | **R2** | Revision/Form Factor | Indicates the second revision or a specific mechanical rack-mount sizing. | ### 2. Key Electronic Features This unit is designed for high-density power environments. Below are the primary electronic characteristics: * **AC Input Stage:** Usually supports wide-range AC inputs (180V - 277V) to accommodate international industrial standards. * **Power Conversion:** Utilizes **PFC (Power Factor Correction)** circuits to ensure high efficiency (often 80 Plus Platinum or Titanium equivalent). * **DC Output:** Designed to provide a stable **12V or 48V DC bus** to power server blades or network switches. * **Communication Interface:** Includes an **I2C or PMBus** interface for digital monitoring of voltage, current, and thermal status. ### 3. Protection Mechanisms Electronic parts within this module include sophisticated protection circuitry: 1. **OVP (Over Voltage Protection):** Shuts down the unit if the output exceeds safe limits. 2. **OCP (Over Current Protection):** Uses shunt resistors or Hall-effect sensors to monitor load. 3. **OTP (Over Temperature Protection):** Integrated thermistors monitor the heat sinks of the MOSFETs. ### 4. Typical Applications * **OCP (Open Compute Project) Racks:** Providing centralized power to a rack of servers. * **Telecommunications:** Rectifier systems for 4G/5G base stations. * **Industrial Automation:** High-reliability power for PLC arrays. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum wattage rating for the W2AC-ABBA-R2 module?
    • ⤷ Does this unit support N+1 redundancy for data center use?
    • ⤷ Which PMBus commands are supported for monitoring this power supply?