전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2AC-ABDC-R

  • AI
    The model number **W2AC-ABDC-R** corresponds to a high-performance **Peltier Cooling Assembly** (Thermoelectric Cooler) manufactured by **Laird Thermal Systems**. It is part of the Outdoor Cooler Series, designed to provide thermal management for electronic cabinets and enclosures. --- ### 1. Component Breakdown The assembly is more than just a single chip; it is a complex electro-mechanical system. | Component | Description | | :--- | :--- | | **Thermoelectric Modules (TEMs)** | Solid-state heat pumps that move heat using the Peltier effect. | | **Heat Sinks** | Dual-sided aluminum fins (Hot side and Cold side) for heat dissipation and absorption. | | **DC Fans** | Two sets of fans used to force air convection across the heat sinks. | | **Control Circuitry** | Internal wiring and connectors for power distribution and monitoring. | --- ### 2. Technical Specifications The electrical characteristics are critical for integrating this part into a system. | Specification | Value/Rating | | :--- | :--- | | **Input Voltage** | 24 VDC | | **Cooling Capacity ($Q_c$)** | ~150 to 190 Watts | | **Nominal Current** | ~7.0 to 8.5 Amps | | **Fan Type** | High-reliability ball bearing fans | | **Ingress Protection** | IP55 (Protection against dust and water splashes) | | **Operating Temperature** | -40°C to +55°C | --- ### 3. Electronic Functionality The **W2AC-ABDC-R** operates on the principle of the **Peltier Effect**. When a DC current flows through the internal semiconductor pellets (Bismuth Telluride), heat is transferred from one side of the device to the other. * **Cooling Mode:** The internal "Cold Side" fans pull warm air from inside an enclosure, pass it over the cold heat sink, and recirculate the cooled air. * **Heat Rejection:** The "Hot Side" fans exhaust the absorbed heat into the ambient environment. * **Reversibility:** By reversing the polarity of the DC voltage, the unit can switch from cooling to heating, which is useful for outdoor cabinets in winter. --- ### 4. Typical Applications * **Telecommunications:** Cooling of outdoor base stations and small cell enclosures. * **Industrial:** Thermal management for control panels and automation equipment. * **Medical:** Temperature stabilization for sensitive diagnostic reagents or imaging equipment. ---
    ✨ Follow-up Questions
    • ⤷What are the specific wiring requirements for the 24VDC input?
    • ⤷ How does the IP55 rating affect its installation in outdoor environments?
    • ⤷ Can this unit be used with a PWM temperature controller?