전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2AC-ABDD-R

  • AI
    Based on technical specifications, the **W2AC-ABDD-R** is a specific part number typically associated with the **Omron G9SX series** (Safety Relay Units) or similar modular safety controllers. Below is an explanation of its electronic components and functional specifications. --- ## 1. Component Overview The W2AC-ABDD-R is a **Safety Relay Unit** designed for industrial automation. It acts as an interface between input devices (like E-stop buttons or light curtains) and power-controlling devices (like contactors or motor drives). ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage** | 24V DC (Standard for Industrial Control) | | **Output Type** | P-Channel / N-Channel Solid State or Relay | | **Safety Category** | PLe / Category 4 (ISO 13849-1) | | **Response Time** | < 15ms to 30ms (Typical) | | **Mounting** | DIN Rail Mounting | | **Terminals** | Screw or Spring-Cage Clamps | --- ## 2. Electronic Part Breakdown ### A. Control Logic (Internal Microcontrollers) Unlike simple mechanical relays, this unit uses **dual-channel microprocessors**. These processors constantly perform "cross-monitoring" to ensure that if one internal circuit fails, the other can still perform the safety function (tripping the power). ### B. Feedback Monitoring Loop The unit includes an **EDM (External Device Monitoring)** circuit. This electronic input checks the status of external contactors. If a contactor's contacts are welded shut, the safety unit detects the lack of change in the feedback signal and prevents a system restart. ### C. Off-Delay Timer Circuit The "ABDD" designation often refers to specific timing or logic configurations. Many of these units include electronic **RC circuits** or digital timers that allow for: * **Instantaneous Trip:** Immediate power cutoff. * **Off-Delay:** Controlled deceleration before power is fully removed (Category 1 Stop). ### D. Status Indicators (LEDs) The front panel contains electronic diagnostic LEDs: * **PWR:** Power supply status. * **ERR:** Internal or external fault detection. * **IN/OUT:** Real-time status of safety inputs and safety outputs. --- ## 3. Wiring and Integration The electronic interface follows a standard safety circuit logic: 1. **Dual Inputs:** Requires two signals (Channel 1 and Channel 2) to be closed to enable the output. 2. **Reset Circuit:** An electronic input that requires a transition (Rising or Falling edge) to activate the system, preventing automatic restarts after power loss. 3. **Auxiliary Outputs:** Non-safety semiconductor outputs used to send status signals to a PLC (Programmable Logic Controller). --- ## 4. Safety Logic Diagram (Conceptual) ```mermaid graph LR A[Safety Input 1] --> C{Logic Processor} B[Safety Input 2] --> C C --> D[Safety Output A] C --> E[Safety Output B] F[Feedback Loop] -.-> C ```
    ✨ Follow-up Questions
    • ⤷What are the specific wiring diagrams for the G9SX series?
    • ⤷ How do I troubleshoot an 'ERR' light on this safety relay?
    • ⤷ What is the difference between the ABDD and the standard G9SX models?