전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2AC-ACAC-R/N

  • AI
    The **W2AC-ACAC-R/N** is a specific model identifier typically associated with **Solid State Relays (SSRs)**, often manufactured by brands like **Wandun** or other industrial automation suppliers. These components are used to switch AC loads using an AC control signal. ### 1. Component Overview An SSR like the W2AC-ACAC-R/N is a semiconductor equivalent of a mechanical relay. It performs the same switching function but has no moving parts, leading to a much longer lifespan and faster switching speeds. --- ### 2. Technical Specifications Below are the typical parameters for this specific model: | Feature | Specification | Description | | :--- | :--- | :--- | | **Control Voltage** | 70 - 280V AC | The input signal required to activate the switch. | | **Load Voltage** | 24 - 480V AC | The voltage range of the device being powered. | | **Load Current** | 10A - 100A (Model dependent) | The maximum amperage the relay can handle. | | **Switching Type** | Zero-Cross Trigger | Switches at 0V to reduce EMI/RFI noise. | | **Isolation** | Photoelectric | Uses light to isolate input and output circuits. | --- ### 3. Internal Electronic Components The device is composed of three primary electronic sections: 1. **Input Circuit (Control):** * **Rectifier/Capacitive Dropper:** Converts the incoming AC control signal into a low-voltage DC signal. * **Current Limiting Resistor:** Protects the internal LED from overcurrent. 2. **Isolation Layer:** * **Optocoupler (Phototriac):** Ensures that there is no electrical connection between the high-voltage load and the control signal, protecting the user and sensitive controllers. 3. **Output Circuit (Switching):** * **TRIAC or Back-to-Back Thyristors (SCRs):** These are the power semiconductors that handle the heavy AC load. * **Snubber Circuit (RC Network):** Protects the internal semiconductors from voltage spikes ($dv/dt$) caused by inductive loads like motors. --- ### 4. Wiring Diagram Representation To use this part, follow this general logic: ```text [ AC Control Signal (70-280V) ] ----> Terminal 3 (+) & 4 (-) | [ Optical Isolation ] | [ AC Power Source ] ---- [ Load ] ---- Terminal 1 & 2 ---- [ AC Return ] ``` ### 5. Key Advantages * **Silent Operation:** No clicking noise compared to mechanical relays. * **High Durability:** Rated for millions of cycles because there is no contact pitting or arcing. * **Vibration Resistance:** Ideal for industrial environments where mechanical relays might fail due to movement. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between Zero-Cross and Random-Fire switching in SSRs?
    • ⤷ How do I select the correct heat sink for a 40A SSR?
    • ⤷ Can I use an AC-input SSR to control a DC load?