전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2AC-AZCY-R2/Q

  • AI
    The part number **W2AC-AZCY-R2/Q** refers to a high-performance **Step-Down (Buck) Converter** module, typically manufactured by companies like Delta Electronics or specialized power supply vendors. It is designed for high-density power distribution, often used in telecommunications or server environments. --- ### 1. Key Technical Specifications Below are the general electronic characteristics associated with this series of DC/DC converters: | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Non-isolated Step-Down (Buck) Converter | | **Input Voltage Range** | 4.5V to 14V DC | | **Output Voltage** | Adjustable (often 0.6V to 5.0V) | | **Output Current** | High Capacity (typically 20A - 40A range) | | **Efficiency** | Up to 95% | | **Package** | Surface Mount (SMD) / LGA | --- ### 2. Breakdown of Features The "Electronic Parts" within this module are integrated to provide a complete power solution. Here is a breakdown of its internal and functional components: #### A. Power Stage * **MOSFETs:** High-frequency switching transistors that handle the conversion. * **Inductor:** A high-Q integrated inductor used for energy storage and smoothing the current. #### B. Control and Protection * **PWM Controller:** Manages the switching frequency to maintain a steady output voltage regardless of load changes. * **Protection Circuitry:** * **OCP (Over Current Protection):** Shuts down if the load draws too much power. * **OTP (Over Temperature Protection):** Thermal shutdown to prevent melting. * **UVLO (Under Voltage Lock Out):** Ensures the part doesn't operate if input voltage is too low. #### C. Communication (The "/Q" Suffix) The suffix `/Q` often denotes a specific qualification or communication protocol: * **PMBus Interface:** Many parts in this series allow digital monitoring of voltage, current, and temperature via an I2C/PMBus interface. --- ### 3. Application Use Cases Due to its high efficiency and compact footprint, this part is used in: 1. **Network Switches:** Powering high-speed ASICs and FPGAs. 2. **Industrial Computing:** Providing stable "Point of Load" (POL) power. 3. **Data Centers:** Efficiently stepping down 12V rails to core voltages for CPUs. --- ### 4. Circuit Implementation Example When designing a PCB for this part, the following connections are standard: ```markdown 1. VIN (+) -> 12V Supply Rail 2. GND -> Common Ground Plane 3. VOUT (+) -> To CPU/FPGA Core 4. TRIM -> Resistor to set specific Output Voltage 5. PGOOD -> Logic signal to indicate stable power 6. PMBus -> SCL/SDA lines for digital telemetry ```
    ✨ Follow-up Questions
    • ⤷ What is the exact maximum output current for the R2/Q variant?
    • ⤷ Does this part require external output capacitors for stability?
    • ⤷ Is there a pin-compatible alternative for this module?