전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2AP-A2Y-R/CE

  • AI
    The **W2AP-A2Y-R/CE** is a high-performance industrial wireless access point, typically manufactured by Advantech. This device is designed for rugged environments, providing reliable Wi-Fi connectivity for IIoT (Industrial Internet of Things) applications. --- ### ## Technical Specifications The following table highlights the core electronic and operational characteristics of the device: | Feature | Specification | | :--- | :--- | | **Model** | W2AP-A2Y-R/CE | | **Wireless Standard** | IEEE 802.11 a/b/g/n/ac (Wi-Fi 5) | | **Frequency Bands** | Dual-band (2.4 GHz and 5 GHz) | | **Interface** | 1 x 10/100/1000 Mbps RJ45 Port | | **Power Input** | PoE (Power over Ethernet) 802.3af/at | | **Antenna Type** | External (RP-SMA connectors) | | **Certification** | CE, FCC (Region specific) | --- ### ### Key Electronic Components & Features 1. **Dual-Band Radio Modules**: The internal circuitry supports both 2.4 GHz (for longer range) and 5 GHz (for higher data rates). It utilizes MIMO (Multiple-Input Multiple-Output) technology to improve signal reliability in interference-heavy industrial zones. 2. **Power Over Ethernet (PoE) Support**: The device is designed to be powered via the Ethernet cable, eliminating the need for separate DC power wiring at the installation point. This is managed by an internal PoE controller chip that regulates voltage. 3. **Industrial Grade Protection**: * **ESD Protection**: Built-in protection against electrostatic discharge. * **Surge Protection**: Protection for the Ethernet port against voltage spikes. * **Wide Temperature Tolerance**: Built with industrial-grade capacitors and resistors to operate in temperatures ranging from -20°C to 60°C (or higher depending on the specific sub-model). 4. **Processor and Memory**: The unit contains an embedded SoC (System on Chip) optimized for networking tasks, paired with Flash memory for firmware storage and RAM for handling active data packets and concurrent client connections. --- ### ### Typical Connection Diagram ```mermaid graph LR A[Industrial Switch] -- PoE Cable --> B[W2AP-A2Y-R/CE] B -- Wi-Fi Signal --> C[Mobile Tablets] B -- Wi-Fi Signal --> D[AGV/Robots] B -- Wi-Fi Signal --> E[IoT Sensors] ```
    ✨ Follow-up Questions
    • ⤷ Does this model support seamless roaming for moving AGVs?
    • ⤷ What is the maximum number of concurrent clients supported?
    • ⤷ Is there a DIN-rail mounting kit included for industrial cabinets?