전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2AP-A2Y-R/Q

  • AI
    The **W2AP-A2Y-R/Q** is a high-performance, enterprise-grade wireless access point module typically manufactured by **Quanta Cloud Technology (QCT)** or used within their network infrastructure solutions. It is designed to provide high-density Wi-Fi connectivity in data centers or large-scale enterprise environments. --- ### ## Technical Specifications Overview Below is a breakdown of the primary electronic and technical characteristics of the W2AP-A2Y-R/Q: | Feature | Specification | | :--- | :--- | | **Wi-Fi Standard** | IEEE 802.11ac Wave 2 (often supports 802.11a/b/g/n) | | **Radio Chains** | 4x4 MU-MIMO (Multiple Input, Multiple Output) | | **Frequency Bands** | Dual-band (2.4 GHz and 5 GHz) | | **Throughput** | Up to 1733 Mbps on 5GHz + 800 Mbps on 2.4GHz | | **Interface** | Ethernet (RJ45) / SFP Support | | **Power Input** | PoE+ (802.3at) or DC Power Adapter | --- ### ### Key Electronic Components The hardware architecture of this device generally includes the following subsystems: 1. **Main Processor (SoC):** Typically powered by a **Qualcomm IPQ** series chipset. This handles the networking logic, data encryption, and management of the wireless stacks. 2. **Radio Frequency (RF) Front End:** * **Power Amplifiers (PA):** Boost the signal for better range. * **Low Noise Amplifiers (LNA):** Improve sensitivity for receiving signals from distant mobile devices. 3. **Memory Subsystem:** * **DDR RAM:** Used for buffering data packets and running the firmware. * **Flash Storage:** Stores the Operating System (usually a customized Linux/OpenWrt derivative). 4. **Antenna System:** Internal high-gain antennas designed for beamforming, which allows the device to focus the Wi-Fi signal specifically toward connected clients rather than broadcasting in all directions equally. --- ### ### Functional Features * **MU-MIMO Support:** Allows the access point to communicate with multiple clients simultaneously rather than sequentially, significantly increasing network capacity. * **Beamforming:** Electronically adjusts the phase of the signal to improve SNR (Signal-to-Noise Ratio) at the receiver's end. * **PoE Integration:** The electronic design allows for power and data to be delivered over a single Ethernet cable, simplifying installation in ceilings or remote locations. --- ### ### Identification Code Breakdown * **W2AP:** Wireless Wave 2 Access Point. * **R/Q:** Usually refers to specific regional regulatory domains (e.g., restricted channels for US vs. EU) or specific hardware revisions provided by Quanta. ---
    ✨ Follow-up Questions
    • ⤷ Does this model support Wi-Fi 6 (802.11ax) or is it limited to Wi-Fi 5?
    • ⤷ What are the specific power requirements in Watts for the PoE+ input?
    • ⤷ Is the W2AP-A2Y-R/Q compatible with third-party controllers?