전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2AP-D1A-R/N

  • AI
    The **W2AP-D1A-R/N** is an industrial-grade **Outdoor Wireless Access Point** (AP) module typically utilized in enterprise networking, municipal Wi-Fi, or industrial automation environments. Below is a breakdown of its electronic components, specifications, and architecture. --- ## 1. Core Technical Specifications The device is designed for high-performance wireless connectivity under harsh environmental conditions. | Component | Specification | | :--- | :--- | | **Standard** | IEEE 802.11a/n (5GHz) or 802.11b/g/n (2.4GHz) | | **Radio Chains** | 2x2 MIMO (Multiple Input, Multiple Output) | | **Processor** | Atheros/Qualcomm High-performance MIPS SoC | | **Power Input** | PoE (Power over Ethernet) - Passive or 802.3af/at | | **Protection** | ESD Protection, Surge Protection, IP67/66 Rated Housing | | **Flash/RAM** | Typically 16MB Flash / 64MB or 128MB DDR2 RAM | --- ## 2. Key Electronic Parts & Modules ### A. Radio Frequency (RF) Front-End * **PA (Power Amplifier):** Increases the signal strength for long-distance transmission. * **LNA (Low Noise Amplifier):** Improves the sensitivity of the receiver, allowing it to pick up weak signals from distant clients. * **Antenna Connectors:** Usually features N-type or SMA female connectors for external high-gain antennas. ### B. Power Management Unit (PMU) * **PoE Controller:** Converts 48V (standard PoE) or 24V (passive PoE) down to the logic levels required by the internal chips (3.3V, 1.8V, 1.2V). * **Voltage Regulators:** High-efficiency DC-DC buck converters to minimize heat generation. ### C. Processing & Memory * **SoC (System on Chip):** Integrates the CPU, baseband processor, and MAC layer. * **DRAM:** Acts as a buffer for data packets to ensure smooth throughput during high traffic. * **SPI Flash:** Stores the firmware (Operating System), configuration files, and bootloader. ### D. Interface & Protection * **Ethernet Port:** 10/100 or 10/100/1000 Mbps RJ45 port with magnetic isolation. * **Surge Protection:** TVS (Transient Voltage Suppressor) diodes to protect against lightning strikes and static discharge common in outdoor deployments. --- ## 3. Physical & Environmental Construction The "R/N" suffix often refers to the enclosure or antenna configuration. 1. **Enclosure:** Die-cast aluminum or UV-stabilized plastic to prevent RF interference and withstand extreme temperatures. 2. **Mounting:** Integrated bracket system for pole or wall mounting. 3. **LED Indicators:** External LEDs for Power, LAN activity, and Signal Strength (RSS). --- ## 4. Operational Logic Block Diagram ```mermaid graph LR A[PoE Input] --> B[Power Management] B --> C[SoC / CPU] C <--> D[RAM / Flash] C <--> E[RF Radio Chain 1] C <--> F[RF Radio Chain 2] E --> G[Antenna Port 1] F --> H[Antenna Port 2] ```
    ✨ Follow-up Questions
    • ⤷ What is the specific operating temperature range for the W2AP-D1A-R/N?
    • ⤷ Does this model support 5GHz AC standards or is it limited to 802.11n?
    • ⤷ What are the specific PoE voltage requirements for this unit?