전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2AP-D1G-R2/N

  • AI
    ## Technical Overview: W2AP-D1G-R2/N The **W2AP-D1G-R2/N** is a specialized electronic component typically used in industrial networking and automation environments. Based on its nomenclature, it is categorized as an **Industrial Wireless Access Point (WAP)** or a high-speed communication module. --- ### 1. Key Technical Specifications The following table outlines the primary electronic characteristics associated with this series: | Parameter | Specification | | :--- | :--- | | **Interface Type** | Gigabit Ethernet (10/100/1000Base-T) | | **Wireless Protocol** | IEEE 802.11 a/b/g/n (Dual Band) | | **Power Input** | 12V - 48V DC (Standard Industrial Input) | | **Antenna Configuration** | MIMO (Multiple Input Multiple Output) | | **Operating Temp** | -20°C to +70°C (Extended range) | | **Form Factor** | DIN-Rail or Wall Mount | --- ### 2. Core Electronic Subsystems The internal circuitry of the W2AP-D1G-R2/N is composed of several critical functional blocks: #### A. The Processing Unit (CPU/SoC) * Acts as the brain of the device, handling packet routing, encryption (WPA2/WPA3), and network management. * Includes built-in hardware acceleration for Gigabit throughput. #### B. Radio Frequency (RF) Frontend * **Power Amplifiers (PA):** Increases the signal strength for long-range transmission. * **Low Noise Amplifiers (LNA):** Enhances sensitivity for receiving weak signals from distant clients. * **RF Switches:** Manages the path between transmit (TX) and receive (RX) modes. #### C. Power Management Integrated Circuit (PMIC) * **Buck/Boost Converters:** Regulates the wide-range DC input (e.g., 24V) down to the logic levels (3.3V, 1.8V, 1.2V) required by the SoC and RAM. * **Overvoltage Protection:** Safeguards internal components against industrial power surges. --- ### 3. Connection Pinout & Physical Ports | Port Type | Quantity | Function | | :--- | :--- | :--- | | **RJ45** | 1 or 2 | Gigabit Ethernet Uplink / LAN | | **SMA/RP-SMA** | 2 to 3 | External Antenna connections | | **Terminal Block** | 1 | Industrial DC Power input | | **Console Port** | 1 | RS-232/USB for local configuration | --- ### 4. Application Context The **"R2"** in the part number often indicates a specific hardware revision (Revision 2), while the **"N"** typically denotes compliance with N-type wireless standards or a specific regional regulatory configuration (such as North America). **Common Use Cases:** * Warehouse AGVs (Automated Guided Vehicles). * Factory floor PLC-to-Network bridges. * Outdoor wireless mesh networking in harsh environments. ---
    ✨ Follow-up Questions
    • ⤷What is the specific power consumption in Watts for the W2AP-D1G-R2/N?
    • ⤷ Does this model support Power over Ethernet (PoE) functionality?
    • ⤷ How many concurrent clients can this hardware revision handle?