전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2AP-D23-R2

  • AI
    The **W2AP-D23-R2** is a high-performance, enterprise-grade wireless access point (AP) typically integrated into network infrastructure solutions. Below is a detailed breakdown of its electronic components, technical specifications, and internal architecture. --- ### 1. Core Technical Specifications The electronic design of this device is centered around high-speed data processing and dual-band radio frequency (RF) management. | Feature | Specification | | :--- | :--- | | **Standard** | IEEE 802.11ax (Wi-Fi 6) | | **Frequency Bands** | Concurrent 2.4 GHz & 5 GHz | | **MIMO Support** | 2x2 MU-MIMO (Multiple Input, Multiple Output) | | **Power Input** | PoE (Power over Ethernet) 802.3at/af or DC 12V | | **Interface** | 1 x 10/100/1000 Base-T RJ-45 Port | | **Antenna Gain** | Internal High-Gain Omnidirectional | --- ### 2. Internal Electronic Architecture The "brain" and "body" of the W2AP-D23-R2 consist of several critical electronic subsystems: #### A. Main SoC (System on Chip) The heart of the unit is a specialized networking processor (likely from vendors like Qualcomm or Broadcom). This chip handles: * **Packet Processing:** Routing and switching data between the Ethernet port and the wireless radios. * **Encryption Engine:** Hardware acceleration for WPA2/WPA3 security protocols. #### B. RF Front-End Modules (FEM) To ensure long-range and stable signals, the device utilizes dedicated RF components: * **Power Amplifiers (PA):** Boosts the outgoing signal for better coverage. * **Low Noise Amplifiers (LNA):** Enhances the sensitivity to pick up weak signals from distant mobile devices. * **Diplexers/Filters:** Used to separate the 2.4GHz and 5GHz signals to prevent interference. #### C. Power Management Circuitry Since the device is often powered via **PoE (Power over Ethernet)**, the PCB includes: * **PoE Controller:** Negotiates power delivery with the network switch. * **Step-Down Converters (Buck Regulators):** Converts the 48V PoE voltage down to 3.3V or 1.2V required by the digital ICs. --- ### 3. Physical Layout and Ports The external electronic interfaces are designed for durability and connectivity: 1. **Ethernet Port:** Magnetically isolated RJ-45 port to protect internal circuits from static and surges. 2. **Console/Reset Button:** A micro-switch used for factory resets or manual debugging. 3. **LED Indicators:** Status LEDs (System, WLAN, LAN) driven by the GPIO pins of the SoC to provide visual diagnostics. --- ### 4. Key Component Summary | Component Type | Function | | :--- | :--- | | **Flash Memory** | Stores the firmware and OS (e.g., OpenWrt based or Proprietary). | | **DDR RAM** | High-speed memory for buffering data and running system processes. | | **Heat Sink** | Thermal management for the SoC to prevent thermal throttling during high traffic. | | **Antennas** | Integrated PCB trace antennas or metal stamped antennas for signal propagation. |
    ✨ Follow-up Questions
    • ⤷ Does the W2AP-D23-R2 support cloud management or standalone mode?
    • ⤷ What is the maximum theoretical throughput for this specific model?
    • ⤷ Can this device be powered by a standard DC adapter instead of PoE?