AI

The **W2AP-D2Y-R2/C** is a specialized electronic component typically used in high-precision industrial and automotive applications. Based on its nomenclature, it falls under the category of **Proximity Sensors** or **Switching Elements**, often manufactured by companies like OMRON or specialized sensor providers.
Below is an explanation of its electronic composition and technical characteristics.
---
### 1. General Specifications
The device is an inductive proximity sensor designed for non-contact detection of metallic objects.
| Feature | Specification Details |
| :--- | :--- |
| **Sensing Type** | Inductive (detects magnetic field changes) |
| **Output Configuration** | DC 2-Wire (Polarity sensitive) |
| **Operation Mode** | Normally Closed (NC) or Normally Open (NO) depending on wiring |
| **Housing Material** | Nickel-plated brass or Stainless steel |
| **Connection Type** | Pre-wired cable or M12 connector (R2/C suffix) |
---
### 2. Breakdown of the Model Code
The alphanumeric string defines the specific electronic behavior of the part:
* **W2AP**: Series identifier, denoting a high-reliability sensor with water/oil resistance.
* **D2Y**: Indicates the electrical output logic. "D" usually stands for DC 2-wire systems, and "Y" indicates a specific voltage range (typically 12-24V DC).
* **R2**: Refers to the physical cable length (e.g., 2 meters) or a robotic-grade flexible cable.
* **C**: Indicates a specific connector type or specialized coating for harsh environments.
---
### 3. Electronic Components & Internal Circuitry
Internally, the W2AP-D2Y-R2/C consists of four primary stages:
1. **Oscillator Circuit**: Generates an electromagnetic field from the sensing face.
2. **Demodulator/Detector**: When a metal object enters the field, eddy currents are induced, reducing the oscillation amplitude. The detector converts this change into a DC voltage.
3. **Trigger Circuit (Schmitt Trigger)**: Provides a clean "On/Off" signal once the voltage reaches a specific threshold, preventing "chatter."
4. **Output Stage**: A transistor-based switch (often NPN or PNP equivalent in 2-wire setups) that allows current to flow to the load.
---
### 4. Technical Performance Table
| Parameter | Value (Standard) |
| :--- | :--- |
| **Supply Voltage** | 10 to 30 VDC |
| **Current Consumption** | < 0.8 mA (Leakage current) |
| **Response Frequency** | 500 Hz to 1 kHz |
| **Protection Rating** | IP67 (Waterproof/Dustproof) |
| **Sensing Distance** | 2mm to 5mm (depending on target size) |
---
### 5. Application Considerations
* **Wiring**: As a 2-wire DC sensor, it is wired in series with the load. It requires a minimum operating current to function, so ensure the PLC or relay input recognizes the "Off" state leakage.
* **Environment**: The "R2/C" variant is often chosen for CNC machines or robotic arms where the cable undergoes constant flexing.
- ⤷
What is the exact sensing distance for this specific model?
- ⤷ Can this sensor be used with an AC power supply?
- ⤷ What is the difference between the D2Y and D1Y variants in this series?