전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2AP-G1A-R2/N

  • AI
    The **W2AP-G1A-R2/N** is a specialized industrial electronic component, typically categorized as a **Solid State Power Controller (SSPC)** or an **Electronic Power Relay** manufactured by companies like **Waco** or similar industrial automation providers. These devices are designed to manage AC power loads with high precision. --- ### 1. Technical Specifications Below are the primary electronic characteristics typical for this specific series: | Parameter | Specification | | :--- | :--- | | **Device Type** | Solid State Power Controller / Phase Angle Controller | | **Control Method** | Phase Angle Control or Zero-Cross Switching | | **Input Signal** | 4-20mA DC (standard current loop) | | **Rated Voltage** | 100V - 240V AC (Standard range) | | **Current Rating** | Dependent on heat sink (typically 20A - 40A range) | | **Cooling** | Forced air or Natural convection (Heatsink required) | --- ### 2. Key Electronic Features #### A. Input Control (The "4-20mA" Logic) The **"G1A"** designation usually indicates the input control logic. It utilizes a **4-20mA current loop** signal to determine the output power. * **4mA:** Output is 0% (OFF). * **12mA:** Output is 50%. * **20mA:** Output is 100% (Full power). #### B. Phase Angle Control Unlike a standard mechanical relay that is either ON or OFF, this electronic part uses **Phase Angle Control**. It "chops" the AC sine wave to vary the effective voltage delivered to the load. This is essential for: * Precise temperature control in heaters. * Controlling the intensity of high-power lamps. * Soft-starting inductive loads. #### C. Isolation and Protection * **Phototriac Isolation:** The low-voltage control side (4-20mA) is optically isolated from the high-voltage AC side to prevent feedback damage. * **Snubber Circuit:** Includes internal Resistor-Capacitor (RC) networks to protect the internal thyristors from voltage spikes ($dv/dt$). --- ### 3. Connection Diagram Overview | Terminal | Function | Description | | :--- | :--- | :--- | | **(+) / (-)** | Control Input | Connects to the PLC or Temperature Controller (4-20mA). | | **L1 / T1** | Power Line | AC Mains input and Load output connection. | | **GND** | Ground | Chassis grounding for safety and EMI reduction. | --- ### 4. Common Applications 1. **Industrial Furnaces:** Controlling heating elements with high thermal stability. 2. **Plastic Extrusion:** Maintaining exact temperatures in the nozzle and barrel. 3. **Chemical Processing:** Regulating heating mantles in volatile environments.
    ✨ Follow-up Questions
    • ⤷ What is the difference between phase angle control and zero-cross switching in this model?
    • ⤷ What type of heat sink is recommended for the W2AP-G1A-R2/N at maximum load?
    • ⤷ How do I troubleshoot if the output stays at 0% despite a 20mA input signal?