전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2CA-121-R2

  • AI
    The **W2CA-121-R2** is a specialized electronic component, typically categorized as a **Solid State Relay (SSR)** or a **Contactless Switch Module**, often utilized in industrial automation and control systems (frequently associated with brands like Omron or specialized PLC peripheral manufacturers). Below is a breakdown of its technical specifications, internal parts, and functional characteristics. --- ### 1. Technical Specifications | Parameter | Description | | :--- | :--- | | **Component Type** | Solid State Relay (SSR) / Interface Module | | **Input Voltage** | Typically 12V DC or 24V DC (Model dependent) | | **Output Type** | AC or DC Switching (Relay Contact Equivalent) | | **Response Time** | < 1ms (High-speed switching) | | **Mounting Type** | DIN Rail or Panel Mount | | **Isolation** | Photocoupler/Opto-isolation | --- ### 2. Internal Electronic Parts & Architecture The W2CA-121-R2 consists of three primary stages that allow it to switch high-power loads using low-power control signals: #### A. Input Stage (Control Side) * **LED / Photocoupler:** When a control voltage is applied, an internal LED lights up. This light is detected by a photosensitive transistor, providing **galvanic isolation** between the control circuit and the power circuit. * **Current Limiting Resistor:** Protects the internal LED from burning out due to excessive current. #### B. Trigger Circuit * **Zero-Cross Detector (Optional):** Many R2 variants include a zero-cross circuit that ensures the device only switches on when the AC voltage is at 0V, reducing electromagnetic interference (EMI) and electrical noise. * **Control Logic:** A small transistor array that amplifies the signal from the photocoupler to drive the power component. #### C. Output Stage (Power Side) * **Triac or MOSFET:** Unlike mechanical relays with physical moving parts, the R2 uses a semiconductor (Triac for AC, MOSFET for DC) to complete the circuit. * **Varistor (MOV):** Often included to protect the output semiconductor from high-voltage spikes (surges) from inductive loads like motors or solenoids. * **RC Snubber Circuit:** A combination of a resistor and capacitor used to suppress voltage transients ($dv/dt$) that could cause accidental triggering. --- ### 3. Key Advantages of the R2 Series 1. **Long Lifespan:** Because there are no mechanical contacts to wear out or arc, it has an almost infinite switching life. 2. **Silent Operation:** Ideal for environments where the "click" of a mechanical relay is undesirable. 3. **High Frequency:** Can handle rapid switching (multiple times per second) which would destroy a standard mechanical relay. 4. **Vibration Resistance:** The solid-state design makes it immune to mechanical shocks common in industrial machinery. --- ### 4. Wiring Diagram Concept ```text [ Control Input + ] ----[ Resistor ]----( LED )---- [ Control Input - ] | (Light Path) | [ Load Power ] --------[ Triac/MOSFET ]-------- [ Device/Load ] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the W2CA-121-R2?
    • ⤷ Can this module be used to control AC and DC loads simultaneously?
    • ⤷ How do I troubleshoot a failure in the photocoupler stage?