전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2CA-1AB-R2

  • AI
    The **W2CA-1AB-R2** is a specialized wireless limit switch manufactured by **Omron**. It belongs to the W2CA series, designed to replace traditional wired limit switches in industrial environments where wiring is difficult, costly, or prone to failure due to movement. --- ### 1. General Specifications The device acts as a wireless transmitter triggered by physical mechanical movement. | Feature | Specification | | :--- | :--- | | **Model Number** | W2CA-1AB-R2 | | **Wireless Frequency** | 2.4 GHz (Sub-band / ZigBee-based technology) | | **Transmission Range** | Approx. 10m to 20m (Line of sight, environment dependent) | | **Output Type** | Wireless signal to a dedicated receiver | | **Power Source** | Internal Battery (Lithium) | | **Protection Rating** | IP67 (Dust-tight and water-resistant) | --- ### 2. Electronic Components & Subsystems The W2CA-1AB-R2 consists of four primary internal blocks: #### A. The Mechanical Switch Interface * **Trigger Mechanism:** Uses a micro-switch rated for high durability. * **Contact Configuration:** Usually SPDT (Single Pole Double Throw), though it functions as a digital input for the logic board. #### B. The Logic Controller (MCU) * **Power Management:** Since it is battery-operated, the electronics remain in a "Deep Sleep" state. Power is only consumed during the millisecond the switch is toggled. * **ID Encoding:** Every unit has a unique ID to prevent cross-talk between multiple switches in the same factory. #### C. RF Module (Transmitter) * **Antenna:** Typically an internal PCB antenna or a stubby external antenna. * **Protocol:** Uses a proprietary low-power protocol on the 2.4GHz ISM band to ensure low latency and high reliability. #### D. Power Supply Unit * **Battery:** Often utilizes a long-life primary lithium battery (e.g., CR series or specialized industrial cells). * **Energy Harvesting (Advanced versions):** Some variants in this series use the kinetic energy of the switch press to power the radio, though the -1AB-R2 is typically battery-powered. --- ### 3. Connection and Logic Flow Because this is a wireless part, it does not have traditional terminal screws for load switching. Instead, the logic flows as follows: 1. **Input:** Mechanical force moves the lever. 2. **Conversion:** The internal electronic board converts the physical state to a data packet. 3. **Transmission:** The 2.4GHz radio sends the status (ON/OFF) + Device ID. 4. **Reception:** A separate **W2CA-R** receiver captures the signal and toggles a physical relay or transistor output for a PLC. --- ### 4. Application Use-Cases * **Rotating Platforms:** Where wires would get tangled. * **Remote Gates:** Where trenching for wires is too expensive. * **Moving Tooling:** In CNC or assembly lines where cables suffer from "flex fatigue."
    ✨ Follow-up Questions
    • ⤷ What is the typical battery life for the W2CA series under standard operation?
    • ⤷ Which Omron receivers are compatible with the W2CA-1AB-R2?
    • ⤷ How do you perform the 'Pairing' process between the transmitter and the receiver?