전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2CA-1CB-R2SLASHCE

  • AI
    The **W2CA-1CB-R2/CE** is a high-precision digital power monitoring device, typically part of the OMRON lineup (specifically the **W2CA series**). These units are designed for monitoring electrical parameters in industrial environments to prevent equipment failure and optimize energy consumption. --- ### ## Technical Specifications Overview The following table summarizes the core electronic and physical characteristics of this part: | Parameter | Specification Details | | :--- | :--- | | **Part Number** | W2CA-1CB-R2/CE | | **Measurement Type** | Current, Voltage, Power, and Power Factor | | **Input Channels** | 1 Circuit (Single-phase) | | **Output Type** | Relay Output (R2) + Digital Communication | | **Rated Voltage** | 100 to 240 VAC | | **Communication Protocol** | RS-485 (Modbus RTU) | | **Compliance** | CE Marking (European Safety Standards) | --- ### ### Key Electronic Components & Functions 1. **Current Transformer (CT) Interface:** The device connects to a CT to measure current without breaking the circuit. The "CB" designation often refers to its compatibility with specific clamp-on CT models designed for easy installation. 2. **Microcontroller (MCU):** At its core, a high-speed MCU processes the analog signals from the voltage and current inputs, performing Fast Fourier Transforms (FFT) or RMS calculations to determine harmonic distortion and power quality. 3. **Relay Outputs (R2):** The "R2" suffix indicates the presence of **2 Relay outputs**. These act as switches that can trigger alarms or shut down machinery if measured values (like overcurrent or under-voltage) exceed predefined setpoints. 4. **Isolation & Protection:** The "CE" certification ensures the internal circuitry includes robust galvanic isolation between the high-voltage inputs and the low-voltage communication ports, protecting PLC/SCADA systems from surges. --- ### ### Wiring & Pin Configuration *Typical connection logic for the W2CA series:* ```yaml Terminal Block Layout: - L1/N: Power supply input (100-240VAC) - V1/V2: Voltage measurement terminals - CT1/CT2: Current Transformer secondary inputs - A(-)/B(+): RS-485 Communication lines - NO1/COM1: Relay 1 (Alarm/Control) - NO2/COM2: Relay 2 (Alarm/Control) ``` --- ### ### Application Use Cases * **Predictive Maintenance:** Detecting motor wear by monitoring slight increases in power consumption over time. * **Energy Management:** Transmitting real-time power data to a centralized system via RS-485 for ESG reporting. * **Safety Interlocks:** Using the internal relays to trip a circuit breaker if an electrical fault is detected. ---
    ✨ Follow-up Questions
    • ⤷What specific Clamp-on CT models are compatible with this W2CA unit?
    • ⤷ How do I configure the RS-485 communication settings for Modbus RTU?
    • ⤷ What are the common alarm parameters programmable in the R2 relay outputs?