전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2CA-1CC-R

  • AI
    ## Overview of the W2CA-1CC-R The **W2CA-1CC-R** is a specific model of a **Twin Timer** (also known as a Repeat Cycle Timer), typically manufactured by **Omron** or compatible industrial control brands. It is designed to control the repetitive switching of an electrical load based on independent "ON" and "OFF" time durations. --- ### 1. Core Electronic Components & Architecture The internal circuitry of a W2CA-1CC-R generally consists of four primary functional blocks: | Component Block | Function | | :--- | :--- | | **Power Supply Unit** | Converts the input voltage (e.g., 100-240VAC) to low-voltage DC to power the internal logic. | | **Oscillator / Logic IC** | The "brain" that counts time intervals based on a quartz crystal or RC circuit. | | **Potentiometers** | Dual knobs on the front face used to manually adjust the resistance, which sets the timing duration. | | **Electromagnetic Relay** | The output mechanism that physically opens or closes the electrical circuit. | --- ### 2. Technical Specifications Below are the typical electronic characteristics for this series: | Parameter | Specification | | :--- | :--- | | **Operating Voltage** | 100 to 240 VAC (50/60 Hz) or 24 VDC (model dependent) | | **Output Type** | Relay Contact (SPDT - Single Pole Double Throw) | | **Contact Rating** | 5A at 250 VAC (Resistive Load) | | **Time Ranges** | Variable (often 0.1s to 30h depending on setting) | | **Terminal Type** | 8-pin Plug-in socket | | **Operating Mode** | Repeat Cycle (OFF-start or ON-start) | --- ### 3. Pin Configuration (8-Pin Base) To integrate this part into a circuit, the pinout is the most critical electronic aspect: * **Pins 2 & 7:** Power Input (Source voltage). * **Pin 1:** Common for Contact A. * **Pin 3:** Normally Open (NO) for Contact A. * **Pin 4:** Normally Closed (NC) for Contact A. * **Pins 5, 6, 8:** Used for secondary contacts or specific control signaling in twin-timer variants. --- ### 4. Logic of Operation (Twin Timing) Unlike a standard delay timer, the electronic logic of the W2CA-1CC-R follows a "Flicker" pattern: 1. **Start:** Power is applied to the unit. 2. **Period 1 (OFF Time):** The relay remains de-energized for the duration set on the "OFF" dial. 3. **Period 2 (ON Time):** The relay energizes (closing the NO contact) for the duration set on the "ON" dial. 4. **Repeat:** The cycle repeats indefinitely as long as power is supplied. --- ### 5. Application Example: Wiring Code If you were to interface this with a PLC or a simple motor starter, the logic would look like this in a simplified representation: ```python # Conceptual Logic for a Twin Timer while power_is_on: relay.state = OFF wait(OFF_dial_setting) relay.state = ON wait(ON_dial_setting) ```
    ✨ Follow-up Questions
    • ⤷ What are the different time range settings available for the W2CA series?
    • ⤷ How do I wire the W2CA-1CC-R to an external 8-pin socket?
    • ⤷ Can the W2CA-1CC-R be used for a single-shot pulse instead of a repeat cycle?