W2CA-1CD-R/N
AI

The **W2CA-1CD-R/N** is a specific industrial power supply unit, typically manufactured by **IDEC** or associated with high-reliability control systems. It is part of a series designed to provide stable DC power for electronic circuits, sensors, and PLCs.
---
### 1. Key Technical Specifications
Below are the primary electronic characteristics of the W2CA-1CD-R/N:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | AC 100-240V (Wide Range) |
| **Output Voltage** | DC 24V (Regulated) |
| **Output Current** | 1.3A (Typical) |
| **Power Rating** | Approx. 30W |
| **Mounting Type** | DIN Rail or Surface Mount |
| **Cooling** | Natural Air Convection |
---
### 2. Electronic Component Breakdown
The internal architecture of this unit consists of several critical stages:
#### A. Input Protection & Filtering
* **Fuse:** Protects the internal circuitry against overcurrent or short circuits on the AC line.
* **MOV (Metal Oxide Varistor):** Provides surge protection against voltage spikes from the power grid.
* **EMI Filter:** Includes inductors and capacitors to prevent electromagnetic interference from leaking back into the mains.
#### B. Rectification and PFC
* **Bridge Rectifier:** Converts the AC input into a high-voltage DC signal.
* **Smoothing Capacitors:** Large electrolytic capacitors that stabilize the DC bus voltage before it enters the switching stage.
#### C. Switching Stage (PWM)
* **Switching MOSFET:** A high-speed transistor that "chops" the DC voltage into high-frequency pulses.
* **PWM Controller IC:** The "brain" that adjusts the duty cycle of the MOSFET to ensure a constant 24V output regardless of load changes.
#### D. Output Rectification & Feedback
* **Schottky Diodes:** Used for high-speed rectification of the high-frequency AC coming from the transformer.
* **Optocoupler:** Provides galvanic isolation between the output and input stages while sending voltage feedback to the PWM controller to maintain regulation.
---
### 3. Protection Features
The unit is engineered with industrial-grade electronic safeguards:
1. **Overload Protection:** Automatically limits current or shuts down if the output exceeds 1.3A.
2. **Short Circuit Protection:** Prevents damage to internal components if the output wires are crossed.
3. **Overvoltage Protection:** Clamps the output to prevent damaging sensitive connected equipment (like PLCs) if the internal regulation fails.
---
### 4. Typical Applications
* **PLC Powering:** Providing clean 24V DC to programmable logic controllers.
* **Sensors:** Powering proximity switches, photoelectric eyes, and encoders.
* **Relay Logic:** Driving the coils of industrial control relays.
- ⤷
What are the specific environmental ratings for the W2CA-1CD-R/N?
- ⤷ Does this model support parallel connection for higher current output?
- ⤷ What are the common replacement alternatives for this power supply?