전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2CA-1CD-R2

  • AI
    The **W2CA-1CD-R2** is a specialized electronic component primarily used in industrial automation, specifically within the realm of **optical data transmission**. It is manufactured by **OMRON** and functions as a Head Unit for a Space Optical Data Transmission system. --- ### 1. Core Functionality The W2CA-1CD-R2 is designed to transmit digital data through free space using light (typically infrared). This allows for communication between two points without the need for physical wiring, which is ideal for moving machinery. ### 2. Key Specifications | Feature | Specification | | :--- | :--- | | **Transmission Type** | Space Optical Data Transmission | | **Interface** | RS-232C Compatible | | **Transmission Distance** | Typically up to 1 meter (depending on configuration) | | **Direction** | Side-view (90-degree optical axis) | | **Power Supply** | 24V DC | | **Response Time** | High-speed digital processing | --- ### 3. Electronic Components & Structure The device is comprised of several critical electronic sub-systems: * **Optical Transceiver:** Consists of an Infrared LED (Emitter) and a Photodiode (Receiver) to convert electrical signals into light pulses and vice-versa. * **Signal Conditioner:** Internal circuitry that filters out ambient light noise (like sunlight or factory lighting) to ensure data integrity. * **RS-232C Logic Level Shifter:** Converts the internal CMOS/TTL signals to the standard RS-232C voltage levels for industrial PC or PLC communication. * **Status Indicators (LEDs):** * **PWR:** Power supply status. * **SD/RD:** Send Data and Receive Data indicators for troubleshooting. * **LIGHT:** Indicates the strength/alignment of the optical link. --- ### 4. Typical Applications This part is frequently found in the following environments: 1. **Automated Guided Vehicles (AGVs):** Transferring destination data from a fixed station to a moving robot. 2. **Rotary Tables:** Communicating with sensors on a rotating platform where wires would become tangled. 3. **Clean Rooms:** Where wireless RF interference must be avoided and cabling is restricted. --- ### 5. Wiring Pinout (Standard RS-232C) ```text Pin 1: FG (Frame Ground) Pin 2: SD (Send Data) Pin 3: RD (Receive Data) Pin 4: RS (Request to Send) Pin 5: CS (Clear to Send) Pin 7: SG (Signal Ground) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum data transfer rate for the W2CA-1CD-R2?
    • ⤷ How do you align the optical axes for optimal signal strength?
    • ⤷ Can this unit operate in environments with high ambient sunlight?