전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2CA-1CD-R2/

  • AI
    The **W2CA-1CD-R2** is a specialized electronic component, specifically a **Solid State Relay (SSR)** manufactured by **OMRON**. It is part of the W2CA series, designed for high-frequency switching and reliable power control in industrial automation environments. --- ## 1. Component Overview This device functions as a non-contact switch, using optical coupling to isolate the input (control) side from the output (load) side. This eliminates the mechanical wear associated with traditional electromagnetic relays. ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | Solid State Relay (SSR) | | **Output Configuration** | DC Output / Thyristor-based | | **Control Voltage** | Typically 12V DC or 24V DC (Model dependent) | | **Load Voltage Range** | AC or DC (Refer to specific sub-suffix) | | **Mounting Type** | DIN Rail or Surface Mount | | **Terminal Type** | Screw Terminals | --- ## 2. Key Electronic Features ### A. Optical Isolation The internal circuitry uses an LED and a phototriac/phototransistor. When current flows through the input, light is emitted, triggering the output switch. This provides high dielectric strength (isolation) between low-voltage controllers (like a PLC) and high-voltage loads. ### B. Response Time Because there are no moving parts, the switching speed is significantly faster than mechanical relays: - **Turn-on time:** < 1 ms (approx.) - **Turn-off time:** < 1 ms (approx.) ### C. Zero-Cross Function (If applicable) Many models in this series include **Zero-Cross switching**, which ensures the relay turns on only when the AC load voltage is near zero. This reduces electromagnetic interference (EMI) and minimizes current surges. --- ## 3. Wiring and Terminal Layout The device generally follows a standard 4-terminal architecture: 1. **Input (+) / Terminal 1:** Positive control signal. 2. **Input (-) / Terminal 2:** Ground/Common control signal. 3. **Output (Load) / Terminal 3:** Connection to the power source. 4. **Output (Load) / Terminal 4:** Connection to the device being powered. --- ## 4. Typical Applications * **Heater Control:** Precise temperature regulation via PID controllers. * **Motor Control:** Frequent start/stop operations for small motors. * **Solenoid Valves:** Rapid cycling in pneumatic or hydraulic systems. * **Interface Modules:** Converting PLC logic signals to drive high-power actuators.
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage and current ratings for the R2 variant?
    • ⤷ How does a Solid State Relay differ from an Electromechanical Relay in terms of lifespan?
    • ⤷ Does the W2CA-1CD-R2 require an external heat sink for high-current loads?