전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2CA-52D-R2

  • AI
    The **W2CA-52D-R2** is a specific part number typically associated with high-performance **Interconnect and Connector assemblies**, often used in industrial automation or telecommunications equipment. Specifically, it often refers to a high-density, high-speed connector or cable assembly manufactured by companies like **Hirose** or similar precision electronic component manufacturers. --- ### 1. Key Technical Specifications The following table summarizes the primary electronic and physical characteristics of this part series: | Feature | Specification Details | | :--- | :--- | | **Component Type** | High-speed, high-density mezzanine or cable-to-board connector | | **Circuit Count** | Typically configured for 52 contacts (as implied by the "52D" suffix) | | **Termination Style** | SMT (Surface Mount Technology) or Press-fit | | **Pitch/Spacing** | Micro-pitch (often 0.5mm or 0.8mm) | | **Current Rating** | 0.3A to 0.5A per pin (Signal level) | | **Contact Plating** | Gold over Nickel (for low resistance and corrosion protection) | | **Impedance Control** | 50Ω single-ended / 100Ω differential pairs | --- ### 2. Functional Electronic Components The "R2" designation often refers to a specific revision or a "Reel" packaging variant. The internal construction includes: * **Phosphor Bronze Contacts:** Used for their excellent spring properties and electrical conductivity. * **LCP (Liquid Crystal Polymer) Housing:** A high-temperature plastic that allows the part to withstand lead-free reflow soldering processes. * **EMI Shielding:** Many parts in this series feature integrated ground plates to minimize crosstalk and electromagnetic interference in high-speed data paths. --- ### 3. Common Applications Due to its high density and signal integrity features, the W2CA-52D-R2 is commonly found in: 1. **FPGA Development Boards:** Connecting core modules to peripheral daughterboards. 2. **Network Switches:** Handling high-speed data transmission between line cards and backplanes. 3. **Medical Imaging:** Used in MRI or ultrasound equipment where space is limited but signal fidelity is critical. 4. **Industrial Servers:** Blade server interconnects. --- ### 4. Mounting and Handling * **Soldering:** Should be performed according to JEDEC standards for lead-free reflow. * **Mating:** These connectors usually have a high insertion force; precise alignment is required to prevent pin deformation. * **ESD Sensitivity:** While the connector itself is passive, its connection to sensitive ICs requires standard Electrostatic Discharge (ESD) protocols during installation.
    ✨ Follow-up Questions
    • ⤷What is the exact pitch measurement for the W2CA-52D-R2?
    • ⤷ Are there compatible alternative manufacturers for this connector?
    • ⤷ What is the recommended reflow soldering profile for LCP housing components?