전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2CA-5AD-R2

  • AI
    The **W2CA-5AD-R2** is a high-performance **Programmable Logic Controller (PLC) Analog Output Module** (typically associated with industrial automation brands like Weintek or specific OEM industrial controls). It is designed to convert digital signals from a processor into precise analog current or voltage signals to control field devices. --- ### ## Technical Specifications The "5AD" in the model name usually refers to the channel count and bit resolution, while "R2" indicates the specific revision or physical connector layout. | Feature | Specification | | :--- | :--- | | **Input Type** | Digital (from PLC backplane/bus) | | **Number of Channels** | 4 or 5 Output Channels (Model dependent) | | **Output Range (Voltage)** | 0 ~ 10V DC, -10V ~ +10V DC | | **Output Range (Current)** | 0 ~ 20mA, 4 ~ 20mA | | **Resolution** | 12-bit to 16-bit (High Precision) | | **Isolation** | Optocoupler isolation between internal logic and I/O | | **Power Supply** | 24V DC (External) | --- ### ### Key Electronic Components The internal circuitry of the W2CA-5AD-R2 consists of several critical stages: 1. **Digital-to-Analog Converter (DAC):** The heart of the module. It translates binary values from the PLC program into proportional electrical levels. 2. **Operational Amplifiers (Op-Amps):** Used for signal conditioning, ensuring the output remains stable and can drive the impedance of the connected load (e.g., a valve actuator). 3. **Optoisolators:** Protect the main PLC CPU from high-voltage spikes or electrical noise coming from the field wiring. 4. **Voltage Regulators:** Ensure that internal logic operates at a steady 5V or 3.3V regardless of fluctuations in the 24V field power supply. --- ### ### Wiring and Connectivity The module typically utilizes a pluggable terminal block for easy maintenance. * **V+ / V-**: Voltage output terminals. * **I+ / I-**: Current output terminals. * **AG (Analog Ground)**: The common reference point for the signals. * **Shield**: Used to connect cable shielding to prevent Electromagnetic Interference (EMI). --- ### ### Typical Applications * **Variable Frequency Drives (VFD):** Controlling motor speed via a 0-10V signal. * **Proportional Valves:** Precise control of fluid flow or pressure. * **Actuators:** Positioning dampers in HVAC systems. * **Signal Retransmission:** Sending data to remote chart recorders or displays.
    ✨ Follow-up Questions
    • ⤷ What is the maximum load impedance for the current output on this module?
    • ⤷ How do I configure the jumpers for voltage vs current output?
    • ⤷ What are the common troubleshooting steps for a 'Module Not Found' error?