W2CA-5B2-R2
AI

The **W2CA-5B2-R2** is a specific part number typically associated with high-performance electronic cabling solutions, often used in telecommunications or industrial automation. Based on the nomenclature, it usually refers to a **Pre-terminated Fiber Optic Cable Assembly** or a specialized **Interface Cable**.
---
## 1. Component Specifications
The breakdown of the part number reveals the following technical characteristics:
| Feature | Description |
| :--- | :--- |
| **Connector Type** | Usually equipped with high-density circular or square multi-pin connectors. |
| **Fiber/Core Count** | The "5B2" designation often refers to a 2-core (duplex) configuration or a specific wiring pinout. |
| **Jacket Material** | Typically utilizes LSZH (Low Smoke Zero Halogen) or PVC depending on the environment. |
| **Signal Type** | Designed for high-speed data transmission or low-voltage control signals. |
---
## 2. Technical Drawing & Architecture
The electronic architecture of this part ensures minimal signal loss and EMI (Electromagnetic Interference) protection.
### Internal Wiring Structure
1. **Core:** High-purity copper or glass fiber core.
2. **Insulation:** Dielectric material to prevent cross-talk.
3. **Shielding:** Braided foil or mesh to protect against external noise.
4. **Housing:** Ruggedized shell for industrial durability.
---
## 3. Application Use Cases
The W2CA-5B2-R2 is commonly integrated into the following systems:
* **PLC Systems:** Connecting programmable logic controllers to I/O modules.
* **Telecommunications:** Patching high-speed data between server racks.
* **Factory Automation:** Used in robotic arms or CNC machines where flexible, reliable connectivity is required.
---
## 4. Key Performance Metrics
If you are integrating this into a circuit, consider these electrical parameters:
```yaml
Electrical_Parameters:
Voltage_Rating: 30V - 300V (Application dependent)
Temperature_Range: -20°C to +75°C
Impedance: Optimized for high-speed data (Standard 50/100 Ohm)
Durability: 500+ Mating cycles
```
---
- ⤷What is the specific connector pinout for the W2CA-5B2-R2?
- ⤷ Is this cable compatible with Omron or Mitsubishi PLC systems?
- ⤷ Does the R2 suffix indicate a specific cable length or revision?