전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2CE-111-R2/Q

  • AI
    The **W2CE-111-R2/Q** is a high-performance, single-port 10/100/1000 Base-T(X) Ethernet MagJack (Integrated Connector Module - ICM). These components are essential in networking hardware as they combine a standard RJ45 connector with the necessary magnetic isolation components. --- ### 1. Component Specifications Below is a breakdown of the electrical and physical characteristics of this part: | Feature | Specification | | :--- | :--- | | **Interface** | 10/100/1000 Base-T (Gigabit Ethernet) | | **Port Configuration** | Single Port (1x1) | | **Orientation** | Right Angle (Side Entry) | | **LED Configuration** | Typically Dual (Green/Yellow) | | **Shielding** | EMI Shielded with Ground Tabs | | **Mounting Type** | Through-Hole (THT) | | **Turn Ratio** | 1CT:1CT (Typical for Gigabit) | --- ### 2. Internal Electronic Components The "MagJack" contains more than just mechanical pins; it integrates a full circuit board inside the metal housing: 1. **Isolation Transformers:** Provides electrical isolation between the Ethernet cable and the PHY (Physical Layer) chip, protecting the device from high-voltage surges and static. 2. **Common Mode Chokes:** Used to suppress Electromagnetic Interference (EMI) and noise on the differential signal pairs. 3. **Bob Smith Termination:** A resistor-capacitor network designed to reduce common-mode noise and improve impedance matching for unused wire pairs. 4. **Integrated LEDs:** Used for link status and activity indication, usually requiring external current-limiting resistors on the PCB. --- ### 3. Pinout & Connectivity The electronic interface is divided into two sections: * **RJ45 Side (External):** Standard 8-pin interface for Cat5e/Cat6 cables. * **PHY Side (Internal/PCB):** 10-12 pins that connect directly to the Ethernet Controller/PHY chip. * **Data Pairs:** TRD0±, TRD1±, TRD2±, TRD3± (Transmit/Receive Differential). * **Center Taps:** Often connected to a voltage source (Current Mode PHY) or decoupled to ground via capacitors (Voltage Mode PHY). --- ### 4. Key Applications * **Networking Gear:** Switches, routers, and hubs. * **Industrial PC:** Embedded motherboards and Single Board Computers (SBCs). * **IoT Gateways:** Devices requiring robust wired connectivity in noisy environments.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a current-mode and voltage-mode PHY connection for this part?
    • ⤷ Does this specific model support Power over Ethernet (PoE)?
    • ⤷ What are the recommended footprint dimensions for the PCB layout?