전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2CE-12D-R/Q

  • AI
    The **W2CE-12D-R/Q** is a high-performance, dual-channel, isolated gate driver module. These components are primarily used in power electronics to bridge the gap between low-power control signals (from a Microcontroller or DSP) and high-power switches like IGBTs or MOSFETs. --- ### 1. Key Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Input Voltage (Vcc)** | 12V DC (Nominal) | Power supply required for the driver circuitry. | | **Output Current** | Peak values (e.g., ±4A to ±8A) | Capability to charge/discharge gate capacitance quickly. | | **Isolation Voltage** | ~2500V - 3000V AC | Galvanic isolation between primary and secondary sides. | | **Channels** | 2 (Dual Channel) | Can drive two switches (e.g., Half-Bridge configuration). | | **Mounting Type** | PCB Through-hole / Plug-in | Designed for secure mounting on power boards. | --- ### 2. Functional Electronic Components Inside this module, several critical electronic stages work together: * **Optocoupler/Magnetic Isolator:** Ensures that high-voltage spikes on the power side do not travel back to and destroy the controller. * **DC-DC Converter:** Often integrated to provide isolated "floating" power to the secondary side, allowing the high-side switch to be triggered correctly. * **Push-Pull Output Stage:** Uses a pair of transistors to rapidly pull the gate voltage up (turn ON) or down (turn OFF). * **Protection Circuitry:** Includes **Desaturation Protection (DESAT)** to detect short circuits and **Under-Voltage Lockout (UVLO)** to prevent the switch from operating in a linear, overheating state. --- ### 3. Pinout Logic and Application The device typically follows a standard interface for industrial power modules: #### Input Side (Primary) * **PWM A / PWM B:** Logic level signals (3.3V or 5V). * **VCC/GND:** Power for the internal logic. * **Fault Output:** A signal sent back to the MCU if a failure is detected. #### Output Side (Secondary) * **Gate (G):** Connects to the IGBT/MOSFET gate. * **Emitter/Source (E/S):** Connects to the reference point of the switch. * **V+ / V-:** Isolated supply rails for driving the gate (often +15V/-8V for robust IGBT control). --- ### 4. Typical Use Cases 1. **Variable Frequency Drives (VFDs):** Controlling 3-phase AC motors. 2. **Uninterruptible Power Supplies (UPS):** High-speed switching for DC-AC inversion. 3. **Solar Inverters:** Converting DC from panels to Grid AC. 4. **Induction Heating:** High-frequency power oscillation. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency supported by the W2CE-12D-R/Q?
    • ⤷ Does this module support negative gate drive voltages for faster turn-off?
    • ⤷ How do I calculate the gate resistor value for this specific driver?