전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2CE-13B-R/N

  • AI
    The **W2CE-13B-R/N** is a specialized electronic component, specifically a **Coaxial RF Switch** (Transfer Switch) typically manufactured by companies like **Radiall**. These switches are designed for high-reliability applications where routing high-frequency signals is critical. --- ## Technical Specifications Overview The "W2CE" series generally belongs to the subminiature or miniature electromechanical switch category. Below is a breakdown of its primary electronic and physical characteristics: ### 1. General Characteristics | Feature | Description | | :--- | :--- | | **Switch Type** | Transfer (Double Pole Double Throw - DPDT) | | **Actuator Type** | Latching (Self-biasing or pulse-operated) | | **Frequency Range** | Typically DC up to 18 GHz or 26.5 GHz (depending on specific model variant) | | **Connector Type** | SMA Female | | **Contact Material** | Gold plated for low loss and high reliability | ### 2. Electrical Performance * **Impedance:** 50 Ohms (Standard for RF/Microwave). * **Insertion Loss:** Very low (typically <0.5 dB at high frequencies). * **Isolation:** High signal separation (typically >60 dB). * **Voltage Supply:** The "13" in the part number often indicates a **12V to 15V DC** coil voltage requirement. * **Current Consumption:** Measured in milliamps (mA) required to toggle the switch. ### 3. Actuation: Latching vs. Failsafe The "R/N" designation often refers to the internal circuitry: * **Latching:** The switch stays in its last commanded position even after power is removed. It requires a pulse to change state. * **Internal Terminations:** Some models include internal resistors to terminate unused ports, preventing signal reflection (though this depends on the exact sub-suffix). --- ## Part Number Breakdown (Typical) While manufacturers use proprietary codes, the W2CE-13B sequence generally follows this logic: | Code Segment | Meaning | | :--- | :--- | | **W2** | Series designation (Transfer Switch) | | **C** | SMA Connectors | | **E** | Actuator Type (e.g., Latching with specific electronic options) | | **13** | Actuator Voltage (approx. 12-15 VDC) | | **B** | Frequency range (up to 18 GHz) | | **R/N** | Specific electronic features (e.g., TTL compatibility or specific Indicator circuitry) | --- ## Common Applications 1. **Test and Measurement:** Used in automated test equipment (ATE) to switch between different signal sources or devices under test (DUT). 2. **Telecommunications:** Signal routing in base stations or satellite ground equipment. 3. **Redundancy Switching:** Automatically switching to a backup signal path if the primary path fails. 4. **Signal Reversal:** Using the transfer configuration to reverse the phase or path of a signal in a circuit. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a latching and a failsafe RF switch?
    • ⤷ How does the insertion loss of this switch affect signal integrity at 18 GHz?
    • ⤷ What are the power handling capabilities (Watts) for the W2CE series?