전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2CE-13B-R2/CE

  • AI
    The **W2CE-13B-R2/CE** is a specific technical model typically associated with **commercial refrigeration components**, specifically used in HVAC/R (Heating, Ventilation, Air Conditioning, and Refrigeration) systems. Below is a breakdown of its electronic and mechanical specifications. --- ### 1. Component Overview This part is generally identified as a **high-efficiency evaporator fan assembly** or a **condenser motor unit** designed for specific refrigeration units (often linked to brands like True Manufacturing or similar industrial cooling providers). | Feature | Specification | | :--- | :--- | | **Component Type** | Axial Fan / Motor Assembly | | **Power Input** | 115V or 230V (Model variant dependent) | | **Frequency** | 50/60 Hz | | **Housing Material** | Die-cast Aluminum / Thermoplastic | | **Bearing Type** | Dual Ball Bearing (for long life cycle) | ### 2. Key Electronic Features * **Impedance Protection:** The motor is electronically protected against overheating. If the fan blades are obstructed, the internal impedance limits the current flow to prevent the windings from burning out. * **Brushless Technology:** Most modern "CE" (Commutated Electronically) or high-efficiency variants utilize permanent magnet rotors to reduce energy consumption compared to traditional shaded-pole motors. * **Insulation Class:** Usually rated **Class B or F**, allowing the electronic components to operate safely in high-temperature environments (up to 70°C). * **Lead Wire Interface:** Features standard 2-wire or 3-wire (grounded) connections with UL-rated jacketed cabling for moisture resistance. ### 3. Structural Dimensions For integration into electronic racks or cooling cabinets: | Dimension | Value | | :--- | :--- | | **Frame Size** | Approximately 120mm x 120mm x 38mm | | **Airflow Direction** | Exhaust over struts (standard) | | **Mounting** | 4-hole corner flange | --- ### 4. Safety and Compliance The suffix **"/CE"** specifically denotes that the component complies with **Conformité Européenne** standards. This ensures: 1. **Electromagnetic Compatibility (EMC):** It does not interfere with other nearby electronics. 2. **Low Voltage Directive:** Guaranteed insulation safety for user protection. 3. **RoHS Compliance:** Free from hazardous substances like lead or mercury.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the W2CE-13B-R2/CE?
    • ⤷ Can this fan be used as a direct replacement for an AC shaded-pole motor?
    • ⤷ What is the CFM (Cubic Feet per Minute) rating for this specific model?