W2CE-1AA-R2/N
AI

The **W2CE-1AA-R2/N** is a specific model of an **AC Axial Fan** manufactured by **Fulltech Electric**. These fans are widely used in industrial cooling, server cabinets, and telecommunications equipment.
---
### 1. Technical Specifications
Below are the primary electronic and physical characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Motor Type** | Shaded Pole Induction Motor |
| **Operating Voltage** | 115V AC (typically 100V–120V) |
| **Frequency** | 50 / 60 Hz |
| **Power Consumption** | ~20W - 22W |
| **Speed (RPM)** | 2700 - 3000 RPM |
| **Airflow Capacity** | ~90 - 105 CFM (Cubic Feet per Minute) |
| **Bearing Type** | Dual Ball Bearing (indicated by '2' in suffix) |
| **Frame Size** | 120 x 120 x 38 mm |
| **Termination** | Lead Wires (indicated by 'W') |
---
### 2. Breakdown of the Model Number
The alphanumeric code follows a specific logic used by Fulltech:
* **W:** Represents the fan series (usually refers to the external rotor or housing style).
* **2:** Indicates the size class (120mm).
* **C:** AC Power type.
* **E:** High-efficiency or specific blade pitch design.
* **1:** Voltage rating (typically 1 = 115V, 2 = 230V).
* **AA:** Internal factory design/airflow direction code.
* **R2:**
* **R:** Protection type (e.g., Thermal protection).
* **2:** Dual Ball Bearing (longer lifespan compared to sleeve bearings).
* **N:** New generation or specific compliance (such as RoHS).
---
### 3. Key Electronic Features
* **Thermal Protection:** The "R" designation often implies impedance protection or a thermal cutoff. This prevents the motor from catching fire or melting if the blades become obstructed (locked rotor).
* **Ball Bearing System:** The dual-ball bearing system allows the fan to be mounted in any orientation (horizontal, vertical, or angled) without affecting the lifespan, which is typically rated for >50,000 hours.
* **Die-Cast Aluminum Housing:** The frame acts as a heat sink for the motor windings, helping to dissipate heat generated during continuous operation.
* **Class B Insulation:** Designed to withstand internal temperatures up to 130°C.
---
### 4. Typical Applications
* **Control Cabinets:** Cooling PLCs and power supplies.
* **Networking Gear:** Cooling high-density rack servers.
* **Industrial Machinery:** Air extraction for laser cutters or CNC machines.
- ⤷
What are the main differences between the W2CE-1AA and the 230V version (W2CE-2AA)?
- ⤷ How does a ball bearing system compare to a sleeve bearing in industrial fans?
- ⤷ What are the wiring color codes for connecting this fan to a standard power source?