W2CE-1D3-R
AI

The **W2CE-1D3-R** is a specific electronic component within the category of **Industrial Control Switches**, specifically a **Selector Switch** manufactured by **IDEC** (part of the TW series). It is designed for panel mounting in industrial automation and control systems.
### 1. Technical Specifications
The following table outlines the primary electrical and physical characteristics of the W2CE-1D3-R:
| Feature | Specification |
| :--- | :--- |
| **Series** | TW Series (Heavy Duty) |
| **Mounting Hole Size** | 22mm (Standard Industrial) |
| **Operation Type** | 3-Position Maintained |
| **Contact Configuration** | 2NO (2 Normally Open contacts) |
| **Switch Angle** | 90° (45° left/right from center) |
| **Operator Shape** | Knob Operator |
| **Voltage Rating** | Up to 600V AC/DC |
| **Terminal Type** | M3.5 Screw Terminals |
| **Environmental Rating** | IP65 / NEMA 4, 4X, 13 |
---
### 2. Electronic/Mechanical Components
The unit is modular and consists of three main electronic parts:
#### A. The Operator (Head)
The "W2" designation refers to the 22mm TW series knob. It is constructed from high-grade plastics or chrome-plated zinc to resist chemicals and impacts in factory environments.
#### B. The Contact Blocks (HW-G Series)
The "1D3" suffix indicates the contact arrangement.
* **2NO:** It contains two individual contact blocks.
* **Maintained Action:** Unlike a momentary switch (spring return), this switch stays in the position to which it is turned.
* **Rating:** These contacts are designed for high-power switching (typically 10A thermal current).
#### C. The Locking Ring/Gasket
Ensures a watertight and dust-tight seal between the panel face and the electronic internals, meeting **IP65** standards.
---
### 3. Application Use Cases
This component is typically found in:
* **Control Panels:** To switch between "Manual/Off/Auto" modes.
* **Machine Tools:** To select different speeds or operation cycles.
* **Safety Interlocks:** Ensuring a machine stays in a specific state until a human operator physically rotates the knob.
---
### 4. Circuit Wiring Example
Below is a simple representation of how the 2NO contacts might be wired in a control circuit:
```mermaid
graph LR
L1[Line Power] --> C1[Contact 1 - NO]
L1 --> C2[Contact 2 - NO]
C1 --> M1[Manual Mode Relay]
C2 --> M2[Auto Mode Relay]
```
- ⤷
What is the difference between 'Maintained' and 'Spring Return' for this model?
- ⤷ Can the contact blocks on the W2CE-1D3-R be replaced or added to?
- ⤷ What are the specific electrical ratings for DC vs AC voltage for this switch?