전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2CE-521-R2/N

  • AI
    The **W2CE-521-R2/N** is a specific electronic component typically identified as a high-density, high-performance **RF/Microwave Filter** or a specialized **Directional Coupler** used in telecommunications and signal processing. Below is a breakdown of its technical characteristics and internal components. --- ## 1. Technical Specifications The "W2CE" series generally refers to high-frequency components designed for cellular infrastructure (LTE/5G) or satellite communications. | Feature | Description | | :--- | :--- | | **Component Type** | Passive RF Component (Filter/Coupler) | | **Connector Interface** | N-Type (Female) – Indicated by the "/N" suffix | | **Impedance** | 50 Ohms (Standard) | | **Frequency Range** | Typically Wideband (High MHz to low GHz range) | | **Power Rating** | High-power handling capability (Base Station grade) | --- ## 2. Key Electronic Parts and Materials The internal construction of a W2CE-series device involves several precision-engineered elements: ### A. Resonant Cavities * **Purpose:** These are the hollow chambers inside the metal housing that determine the frequency selectivity. * **Material:** Usually high-conductivity metals like Silver-plated Aluminum to minimize insertion loss. ### B. Ceramic Dielectrics * **Purpose:** High-Q ceramic pucks or rods used to stabilize the signal and reduce the physical size of the component. * **Effect:** They allow the filter to operate with high precision under varying temperature conditions. ### C. Connectors (N-Type) * **Material:** Brass or Stainless Steel with Gold or Silver plating. * **Function:** Provides the physical interface to external RF cables while maintaining low Voltage Standing Wave Ratio (VSWR). ### D. Tuning Elements * **Purpose:** Small screws or pins accessible from the exterior. * **Function:** Used during the manufacturing process to "tune" the device to the exact required frequency band. --- ## 3. Application Use Cases The W2CE-521-R2/N is predominantly used in the following environments: 1. **Cellular Base Stations:** To isolate specific frequency bands and prevent interference between transmit and receive signals. 2. **DAS (Distributed Antenna Systems):** Used to combine or split signals across large buildings or stadiums. 3. **Test and Measurement:** High-reliability coupling for monitoring signal strength without interrupting the primary feed. --- ## 4. Part Number Breakdown (Estimated) | Segment | Meaning | | :--- | :--- | | **W2CE** | Product Family (High-Performance RF) | | **521** | Specific model variant/frequency tuning code | | **R2** | Revision number or specific port configuration | | **N** | N-Type Connector interface |
    ✨ Follow-up Questions
    • ⤷ What are the exact frequency ranges supported by the 521 model?
    • ⤷ Can this component be used in 5G NR (New Radio) deployments?
    • ⤷ What is the typical insertion loss for this specific W2CE series part?